ATS-01A-46-C2-R0
AI

The **ATS-01A-46-C2-R0** is a specific part number for a high-performance **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. This component belongs to their "pushPIN™" thermal management series.
---
## 1. Technical Specifications
The following table summarizes the physical and thermal properties of this specific component:
| Feature | Specification |
| :--- | :--- |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Type** | pushPIN™ (Spring-loaded plastic pins) |
| **Dimension L x W** | 45mm x 45mm |
| **Height (Fin)** | 20mm |
| **Thermal Resistance** | 11.57 °C/W (Unducted Flow @ 100 LFM) |
| **Fin Configuration** | Fine Pitch (Straight Fin) |
---
## 2. Key Electronic & Mechanical Features
### A. Attachment Mechanism
Unlike adhesive-based heat sinks, the **R0** suffix indicates the use of the **pushPIN™** system. This consists of:
* **Plastic Pins:** Insert into pre-drilled holes in the PCB.
* **Compression Springs:** Provide precise vertical pressure to ensure optimal contact between the heat sink base and the electronic component (CPU, GPU, or MOSFET).
### B. Thermal Interface Material (TIM)
* The part usually comes with **T412** pre-applied thermal interface material.
* T412 is a high-efficiency thermal tape/pad that eliminates the need for manual thermal paste application, ensuring consistent heat transfer.
### C. Fin Design
* **Straight Fin:** Designed for "Airflow" environments. The 20mm height provides a large surface area for heat dissipation without creating excessive back-pressure for system fans.
---
## 3. Application Use Cases
This component is typically used to cool high-heat-generating surface-mount devices (SMD) in the following sectors:
1. **Telecommunications:** Network switches and routers.
2. **Power Electronics:** Large AC/DC converters and power supplies.
3. **Embedded Systems:** Industrial PCs and high-speed logic controllers.
---
## 4. Part Number Breakdown
```text
ATS - 01 - A - 46 - C2 - R0
| | | | | |
| | | | | └── Push-Pin / Attachment Type
| | | | └─────── Thermal Performance / Material Code
| | | └──────────── Dimension Code (45mm x 45mm)
| | └──────────────── Fin Style
| └───────────────────── Sequential Series Number
└────────────────────────── Manufacturer (Advanced Thermal Solutions)
```
- ⤷
What are the PCB hole requirements for the pushPIN attachment?
- ⤷ How does 'Ducted Flow' impact the thermal resistance of this heat sink?
- ⤷ Can the Blue Anodized finish be customized for higher emissivity?