ATS-01A-63-C2-R0
AI

The **ATS-01A-63-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heatsink**. It is designed to cool electronic components like CPUs, GPUs, or FPGAs in constrained environments.
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Plastic) with Springs |
| **Fin Type** | Straight Fin |
| **Dimensions (L x W x H)** | 40mm x 40mm x 20mm |
| **Thermal Resistance** | 2.85°C/W @ 200 LFM |
| **Interface Material** | T766 (Pre-applied Thermal Phase Change Material) |
---
### 2. Key Electronic & Mechanical Features
#### A. Thermal Dissipation Performance
The "63" series is optimized for airflow conditions within electronic enclosures. The thermal resistance values vary based on the air velocity (LFM - Linear Feet per Minute):
* **100 LFM:** ~3.60 °C/W
* **200 LFM:** ~2.85 °C/W
* **400 LFM:** ~1.80 °C/W
#### B. The Push-Pin Mounting System
Unlike adhesive-based heatsinks, this part uses a **Push-Pin and Brass Spring** mechanism:
* **Mechanical Stability:** Provides consistent pressure on the electronic chip, ensuring optimal contact with the thermal interface material.
* **Durability:** The pins are made of durable plastic (usually UL94-V0 rated), and the springs provide the necessary compression force.
* **Hole Pattern:** Requires pre-drilled holes in the PCB (Printed Circuit Board).
#### C. Pre-Applied Thermal Interface Material (TIM)
The part includes **T766 phase-change material**. This is a crucial "electronic part" of the assembly:
* At room temperature, it is solid for easy handling.
* At operating temperatures, it softens to fill microscopic air gaps between the component die and the heatsink base, maximizing heat transfer.
---
### 3. Application Use Cases
* **Telecommunications:** Cooling high-speed signal processors.
* **Embedded Systems:** Industrial PCs where vibration resistance is required (push-pins are more secure than tape).
* **Power Electronics:** Dissipating heat from MOSFET arrays or voltage regulators.
- ⤷
What is the specific PCB hole size required for the ATS-01A-63-C2-R0 push-pins?
- ⤷ How does blue anodizing affect the emissivity and thermal performance of this heatsink?
- ⤷ Can the T766 thermal material be replaced with standard thermal paste for better performance?