ATS-01A-68-C2-R0
AI

The **ATS-01A-68-C2-R0** is a specific electronic cooling component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** series of high-performance heat sinks.
Below is a detailed breakdown of its specifications and electronic application characteristics.
---
### 1. General Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-01A-68-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 15.31°C/W (Unducted Flow @ 100 LFM) |
---
### 2. Technical Dimensions
Precision in dimensions is critical for ensuring the heat sink fits within the PCB layout without interfering with adjacent components.
* **Length:** 40.00 mm
* **Width:** 40.00 mm
* **Height:** 15.00 mm
* **Pin Pitch:** 1.8 mm (Approx.)
* **Weight:** Light-weight aluminum construction to prevent PCB warping.
---
### 3. Cooling Performance
The "C2" in the part number typically refers to the thermal interface material (TIM) or specific performance grading. This unit is designed for **High-Performance Air Cooling**.
* **Airflow Pattern:** Designed for both steady and turbulent airflow.
* **Thermal Conductivity:** High, due to the specialized fin geometry which increases surface area without significantly increasing the footprint.
* **Thermal Resistance Table (Example):**
* @ 200 LFM: 9.42 °C/W
* @ 400 LFM: 5.67 °C/W
* @ 600 LFM: 4.41 °C/W
---
### 4. Mounting Mechanism: pushPIN™
One of the key "parts" of this assembly is the mounting system. The **pushPIN™** technology allows for:
1. **Secure Attachment:** A brass or plastic pin with a high-tension spring.
2. **Ease of Installation:** Quick manual assembly to the PCB via pre-drilled holes.
3. **Reliability:** Maintains constant pressure on the processor/chip to ensure optimal heat transfer through the Thermal Interface Material (TIM).
---
### 5. Application Use-Cases
This component is typically found in:
* **Network Switches/Routers:** Cooling high-speed processors.
* **Industrial PCs:** Where compact, high-efficiency cooling is required.
* **Power Supplies:** Managing heat in MOSFETs or voltage regulators.
---
- ⤷
What are the specific hole patterns required for the pushPIN mounting on this model?
- ⤷ Does this model come with a pre-applied Thermal Interface Material (TIM)?
- ⤷ What are the advantages of blue anodized finish over plain aluminum for this part?