ATS-01A-79-C2-R0
AI

The **ATS-01A-79-C2-R0** is a specific electronic part number referring to a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "superGRIP" product line designed for cooling integrated circuits (ICs) and components like CPUs, GPUs, or FPGAs.
---
### 1. Key Technical Specifications
The part number encodes specific data about the physical and thermal properties of the component.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 25mm x 25mm x 30mm |
| **Fin Style** | Straight Fin |
| **Attachment Method** | superGRIP (Clip-on) |
| **Thermal Resistance** | ~2.63 °C/W (at 200 LFM) |
---
### 2. Breakdown of the Part Number
Advanced Thermal Solutions uses a standardized nomenclature to identify their cooling solutions:
* **ATS**: Manufacturer prefix.
* **01A**: Refers to the specific series or design family.
* **79**: Represents the physical footprint and fin configuration code.
* **C2**: Indicates the material and finish (Blue Anodized Aluminum).
* **R0**: Version or revision code.
---
### 3. Electronic Design Features
#### A. Attachment Mechanism (superGRIP™)
Unlike traditional heat sinks that require holes in the Printed Circuit Board (PCB), this model uses a high-strength **clip-on** system.
* **Plastic Frame Clip:** Attaches directly to the component (IC).
* **Metal Spring Clip:** Applies steady pressure to the heat sink, ensuring constant contact with the chip without damaging the board.
#### B. Thermal Performance
The "Straight Fin" design is optimized for **forced-air cooling**. It allows air from a system fan to flow through the channels with minimal resistance, effectively wicking heat away from the silicon die.
#### C. Thermal Interface Material (TIM)
Usually, these parts come with a pre-applied thermal pad or require a specific thermal paste to fill the microscopic air gaps between the chip surface and the aluminum base of the heat sink.
---
### 4. Typical Applications
* **Networking Hardware:** Routers, switches, and high-speed modems.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Electronics:** Cooling voltage regulators or small power modules.
- ⤷
What are the advantages of using a superGRIP attachment over a push-pin mount?
- ⤷ How does 'Blue Anodized' finish affect the thermal performance compared to bare aluminum?
- ⤷ What is the recommended airflow (LFM) for optimal cooling with this specific heat sink?