ATS-01A-79-C3-R0
AI

The **ATS-01A-79-C3-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions, Inc. (ATS)**. It is part of the "push-pin" attachment family, designed to provide efficient cooling for electronic components such as CPUs, GPUs, and other high-heat-generating ICs.
### 1. Technical Specifications
The following table summarizes the physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 25.0mm x 25.0mm x 30.0mm |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 2.63 °C/W (at 200 LFM) |
| **Number of Fins** | 10 (Vertical) |
| **Weight** | ~15 grams |
---
### 2. Key Design Elements
#### A. Fin Geometry
The heat sink features a **straight fin** design. Straight fins are optimized for unidirectional airflow (forced convection). The vertical orientation and spacing are engineered to minimize pressure drop while maximizing the surface area available for heat dissipation.
#### B. Attachment Mechanism: Push-Pins
The **"01A"** designation refers to the push-pin mounting style.
* **Ease of Assembly:** Requires pre-drilled holes in the PCB.
* **Standardized Tension:** Built-in springs provide consistent pressure on the thermal interface material (TIM), ensuring optimal heat transfer.
* **Material:** The pins are typically made of durable plastic or brass, depending on the specific sub-series.
#### C. Material and Coating
* **Aluminum 6063:** Chosen for its high thermal conductivity and lightweight properties.
* **Blue Anodizing:** This is not just aesthetic. Anodizing provides corrosion resistance, electrical insulation (to an extent), and increases the emissivity of the surface, which slightly improves radiative cooling.
---
### 3. Thermal Performance Profile
The efficiency of the ATS-01A-79-C3-R0 depends heavily on the airflow (Linear Feet per Minute - LFM):
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Natural/Low Convection) | 4.10 |
| 200 (Standard) | 2.63 |
| 400 (High Performance) | 1.80 |
---
### 4. Implementation Details
To integrate this part into a circuit design, the PCB layout must account for the mounting holes:
```markdown
* Hole Pattern: 2-hole diagonal
* Hole Diameter: 3.0mm (standard for plastic push-pins)
* Pitch: Variable based on the specific ATS '79' footprint series (check datasheet for exact X-Y coordinates).
```
- ⤷
What are the recommended thermal interface materials (TIM) for this heat sink?
- ⤷ Can this heat sink be used in a passive cooling environment without fans?
- ⤷ How do I calculate the maximum power dissipation (Watts) this heat sink can handle for my specific IC?