ATS-01A-87-C3-R0
AI

The **ATS-01A-87-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Body), Copper (optional base variations) |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Resistance** | ~13.30°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 35mm x 35mm x 20mm |
| **Finish** | Blue Anodized |
| **Thermal Interface Material (TIM)** | T412 (Pre-applied) |
---
### Key Components & Features
#### 1. Heat Sink Body
The core is made of aluminum, chosen for its high thermal conductivity and lightweight properties. The "87" in the part number refers to a specific fin configuration designed for optimized airflow.
#### 2. pushPIN™ Attachment System
This part utilizes a specific mechanical attachment system:
* **Ease of Install:** Allows for quick mounting to the PCB without the need for specialized tools.
* **Spring-Loaded:** Provides consistent pressure (force) against the electronic component to ensure maximum thermal transfer.
#### 3. Blue Anodized Finish
The surface is treated with a blue anodized coating. This is not just for aesthetics; it provides:
* Increased corrosion resistance.
* Improved surface emissivity (slight improvement in radiative heat transfer).
* Electrical insulation of the surface.
#### 4. Thermal Interface Material (TIM)
The part comes with **T412** pre-applied. This is a "Phase Change" or high-performance thermal grease that fills the microscopic air gaps between the heat sink and the electronic chip, significantly reducing thermal resistance.
---
### Typical Applications
* **Integrated Circuits (ICs):** Cooling of BGA (Ball Grid Array) packages.
* **Power Supplies:** Managing heat in voltage regulators.
* **Telecommunications:** Used in routers and switches where airflow is often directed across the board.
---
### Performance Data (Airflow)
| Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 | 13.30 |
| 300 | 4.60 |
| 500 | 3.10 |
---
- ⤷
How does the pushPIN system compare to adhesive thermal tapes?
- ⤷ What are the advantages of blue anodizing over standard aluminum finishes?
- ⤷ Can this heat sink be used for custom power electronics beyond standard ICs?