ATS-01B-07-C3-R0
AI

The **ATS-01B-07-C3-R0** is a specific electronic cooling component manufactured by **Advanced Thermal Solutions (ATS)**. It is a high-performance heat sink designed for the thermal management of integrated circuits (ICs), such as CPUs, GPUs, or high-power transistors.
---
## 🛠️ Technical Specifications
Below are the primary physical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | blueICE™ |
| **Heat Sink Type** | Push-Pin (BGA) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 45mm x 45mm x 20mm |
| **Thermal Resistance** | 16.97°C/W (@ Natural Convection) |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Thermal Interface Material** | T412 (Double-Sided Tape/Pad) |
---
## 🔍 Key Component Features
### 1. Fin Design
The "07" in the part number typically refers to the fin configuration. These are usually **straight-fin** or **cross-cut** designs optimized for longitudinal airflow. The aluminum construction ensures rapid heat dissipation from the component surface to the surrounding air.
### 2. Attachment Mechanism (Push-Pins)
Unlike adhesive-only heat sinks, the **R0** suffix indicates a push-pin attachment system.
* **Spring-loaded pins:** These provide consistent pressure (clip load) across the chip surface.
* **Reliability:** This method is preferred in high-vibration environments (like industrial servers) where adhesive might fail over time.
### 3. Thermal Interface Material (TIM)
The unit comes pre-applied with **T412 thermal tape**.
* It eliminates the need for messy thermal grease.
* It provides high dielectric strength and low thermal impedance.
---
## 📈 Performance Context
The effectiveness of this heat sink is highly dependent on **Airflow Velocity (LFM - Linear Feet per Minute)**:
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 6.20 |
| 400 (2.0 m/s) | 4.10 |
| 600 (3.0 m/s) | 3.20 |
---
## 🏗️ Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **01B** | Series/Base Geometry |
| **07** | Height/Fin pattern code |
| **C3** | Thermal Interface Material (T412) |
| **R0** | Revision/Specific Packaging format |
- ⤷
How do I calculate the required airflow for this heat sink based on my chip's TDP?
- ⤷ What is the difference between the T412 and T766 interface materials used by ATS?
- ⤷ Are there alternative mounting options if my PCB doesn't have holes for push-pins?