ATS-01B-100-C2-R0
AI

The **ATS-01B-100-C2-R0** is a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). While it is a mechanical component, it is a critical part of electronic thermal management systems, specifically designed for cooling high-power semiconductors and ICs.
### 1. Component Specifications
The following table outlines the physical and thermal properties of this specific model:
| Property | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Dimensions (L x W x H)** | 45mm x 45mm x 25mm |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded plastic pins) |
| **Thermal Resistance** | 4.84°C/W (Unducted Flow @ 100 LFM) |
---
### 2. Key Electronic & Design Features
#### A. Thermal Management Strategy
The part uses a **Straight Fin** design. In electronics, this is optimized for "impingement cooling" or high-velocity airflow. The 25mm height provides a significant surface area to dissipate heat from components like CPUs, GPUs, or high-power MOSFETs.
#### B. pushPIN™ Attachment System
Unlike adhesive-based heat sinks, the **-R0** suffix indicates a mechanical attachment system:
* **Compression Springs:** Provide a precise, pre-calculated pressure to the electronic component, ensuring optimal contact with the Thermal Interface Material (TIM).
* **Plastic/Brass Pins:** These pass through pre-drilled holes in the Printed Circuit Board (PCB) for a secure, vibration-resistant fit.
#### C. Thermal Interface Material (TIM)
The "C2" in the part number indicates that the heat sink comes pre-applied with **ATS-PPS-02** or a similar high-performance thermal grease. This eliminates the air gap between the heat source (electronic die) and the aluminum base, maximizing heat transfer.
---
### 3. Application Use Cases
This component is typically found in the following electronic environments:
1. **Telecommunications:** Cooling high-speed switching ASICs.
2. **Embedded Systems:** Industrial PCs where high vibrations might cause adhesive heat sinks to fall off.
3. **Power Electronics:** Managing heat for Voltage Regulator Modules (VRMs).
---
- ⤷
What is the significance of the 'C2' suffix regarding thermal conductivity?
- ⤷ How do I calculate the required PCB hole diameter for the pushPIN attachment?
- ⤷ What is the weight of this heat sink and how does it affect PCB stress?