ATS-01B-101-C2-R0
AI

The **ATS-01B-101-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "blue ICE" series designed specifically for cooling electronic components such as processors, FPGAs, and high-power transistors.
---
### 1. Technical Specifications
The following table summarizes the physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 45mm x 45mm x 20mm |
| **Thermal Resistance** | 6.69°C/W (Natural Convection) |
| **Attachment Method** | Push-Pin |
| **Spring Type** | Compression Spring |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Electronic Features
#### A. Thermal Management Strategy
This part is designed for **forced air** and **natural convection** environments. The "Straight Fin" design allows for low pressure drop, making it efficient for cooling high-heat dissipation components on a PCB.
#### B. Attachment Mechanism (Push-Pin)
Unlike adhesive-based heat sinks, the ATS-01B-101-C2-R0 uses a **Push-Pin** system with a brass or plastic pin and a compression spring.
- **Reliability:** Provides constant pressure to ensure the thermal interface material (TIM) remains in contact with the chip.
- **Safety:** Prevents the heat sink from shifting during high-vibration or mechanical shock.
#### C. Thermal Interface Material (TIM)
The unit comes pre-applied with **T766**. In electronics, the TIM is crucial because it fills microscopic air gaps between the heat sink and the component, significantly reducing the thermal resistance across the interface.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying its specific configuration:
| Code Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **01B** | Push-Pin Series |
| **101** | Specific sizing/geometry code (45x45x20mm) |
| **C2** | Thermal Performance/Material grade |
| **R0** | Revision/Packaging standard |
---
### 4. Typical Applications
* **Networking Devices:** Routers and Switches.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Electronics:** Voltage regulators and high-speed memory modules.
- ⤷
What are the PCB hole requirements for the push-pin mounting of this heat sink?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ Can this heat sink be used with customized fan attachments?