ATS-01B-12-C2-R0
AI

The **ATS-01B-12-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
### 1. Technical Specifications
The following table outlines the key physical and thermal characteristics of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 50.00mm x 50.00mm x 15.00mm |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Thermal Resistance** | 15.84° C/W (Unducted Flow @ 100 LFM) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Key Electronic Components & Design Features
#### A. Fin Profile (Straight Fin)
The "12" in the part number refers to the fin configuration. This model uses a **Straight Fin** design, which provides a large surface area for air to pass through. This is ideal for systems with a consistent direction of airflow (forced convection).
#### B. pushPIN™ Attachment Mechanism
Unlike adhesive-based heat sinks, the ATS-01B-12-C2-R0 uses a mechanical **pushPIN™** system. This consists of:
* **Compression Springs:** Ensure constant pressure on the electronic component (IC/Chip), maximizing heat transfer.
* **Plastic/Brass Pins:** Inserted into pre-drilled holes in the PCB to lock the heat sink in place securely.
#### C. Thermal Interface Material (TIM)
The base comes pre-applied with **T766**. This is a specialized paste or pad that fills microscopic air gaps between the heat sink and the electronic chip, significantly reducing thermal resistance compared to dry mounting.
#### D. Blue Anodized Finish
The blue coating is not just for aesthetics. **Anodization** increases the emissivity of the aluminum surface, slightly improving heat dissipation via radiation, and provides a layer of electrical insulation and corrosion resistance.
---
### 3. Application Use Cases
This part is commonly found in the following electronic environments:
* **Telecommunications:** Cooling high-speed processors in routers and switches.
* **Industrial PCs:** Managing heat in fanless or high-airflow enclosures.
* **Power Supplies:** Cooling voltage regulators or MOSFETs that generate significant heat during power conversion.
- ⤷
What are the PCB hole requirements for the pushPIN attachment system?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ Can this heat sink be used in a passive cooling environment without fans?