ATS-01B-150-C2-R0
AI

The **ATS-01B-150-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "blueICE" series, designed primarily for cooling electronic components such as BGA (Ball Grid Array) packages, CPUs, or GPUs.
### 1. Technical Specifications
The following table outlines the physical and thermal properties of the part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 40mm x 40mm x 25mm |
| **Mounting Type** | Push-Pin |
| **Thermal Resistance** | 4.82°C/W @ 200 LFM |
| **Attachment Style** | Plastic Push-Pin with Brass Springs |
---
### 2. Component Breakdown
#### A. Heat Sink Body
* **Material:** Extruded aluminum is used for its excellent thermal conductivity-to-weight ratio.
* **Fin Design:** It features a "straight fin" or "cross-cut" pattern depending on the specific airflow requirement, designed to maximize surface area for heat dissipation into the surrounding air.
* **Finish:** The **Blue Anodized** coating is not just aesthetic; it provides corrosion resistance and increases surface emissivity, which slightly improves radiative heat transfer.
#### B. Mounting System (Push-Pins)
The "R0" suffix indicates the mounting hardware configuration.
* **Push-Pins:** Plastic pins that snap into pre-drilled holes on a Printed Circuit Board (PCB).
* **Springs:** Compression springs ensure a consistent "clamping force" (pressure) between the heat sink and the electronic chip, which is critical for minimizing thermal interface resistance.
#### C. Thermal Interface Material (TIM)
While usually ordered separately or pre-applied, these heat sinks are designed to be used with:
* **Phase-change materials** or **Thermal grease** to fill microscopic air gaps between the component and the heat sink base.
---
### 3. Thermal Performance Metrics
The effectiveness of the ATS-01B-150-C2-R0 is highly dependent on airflow (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| Unducted (Natural) | 4.82 |
| 300 LFM | 2.40 |
| 500 LFM | 1.60 |
---
### 4. Part Number Decoder
Understanding the "ATS-01B-150-C2-R0" nomenclature:
* **ATS:** Manufacturer prefix.
* **01B:** Series/Family design.
* **150:** Specific dimension/geometry code.
* **C2:** Material/Color code (Aluminum, Blue Anodized).
* **R0:** Hardware revision (Push-pin type and quantity).
- ⤷What is the recommended PCB hole size for the push-pins on this heat sink?
- ⤷ How does the 'Blue Anodized' finish compare to 'Black Anodized' in terms of thermal performance?
- ⤷ Can this heat sink be used with high-power processors exceeding 50W?