ATS-01B-151-C1-R0
AI

The **ATS-01B-151-C1-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "blue ICE" series, designed for cooling electronic components such as processors, FPGAs, and ASICs.
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Dimensions** | 35mm x 35mm x 10mm |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | 3.90°C/W (at 200 LFM) |
| **Flow** | Omni-directional |
---
### 2. Key Electronic Components & Features
#### A. Thermal Management (Heat Dissipation)
The primary role of this part is to increase the surface area of a semiconductor package. By utilizing a **straight fin design**, it allows for efficient airflow (convection) to carry heat away from the silicon die. This prevents thermal throttling and hardware failure in sensitive electronic circuits.
#### B. Attachment Mechanism: Push-Pin
Unlike adhesive-based heat sinks, the "R0" suffix indicates a **push-pin** mounting system with a brass spring.
- **Reliability:** Provides consistent pressure (preload) on the component, which optimizes the thermal interface material (TIM) performance.
- **Serviceability:** Allows the heat sink to be removed and reattached without damaging the PCB, unlike thermal epoxy.
#### C. Material and Coating
- **Aluminum 6063:** Chosen for its high thermal conductivity and lightweight properties.
- **Blue Anodization:** Aside from aesthetics, the anodized layer provides electrical insulation and increased corrosion resistance, ensuring that accidental contact with nearby electronic leads does not cause a short circuit.
---
### 3. Application Use Cases
This specific model is commonly found in the following electronic environments:
1. **Telecommunications:** Cooling network switches and routers.
2. **Embedded Systems:** Industrial PCs where space is limited (10mm low profile).
3. **Power Electronics:** Managing heat for voltage regulators and high-speed motor controllers.
- ⤷
How do I calculate the required airflow (LFM) for this heat sink?
- ⤷ What type of thermal interface material (TIM) is recommended for push-pin heat sinks?
- ⤷ Are there taller versions of the ATS-151 series for better thermal performance?