ATS-01B-17-C2-R0
AI

The **ATS-01B-17-C2-R0** is a specific electronic component primarily classified as a **High-Performance Heat Sink**. It is part of the "pushPIN™" thermal management line manufactured by **Advanced Thermal Solutions (ATS)**.
Below is a detailed breakdown of its specifications and electronic application.
---
### 1. Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Product Type** | Heat Sink (Thermal Management) |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Type** | pushPIN™ |
| **Thermal Resistance** | 15.44 °C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W)** | 54.00 mm x 54.00 mm |
| **Height** | 12.70 mm |
| **Fin Style** | Straight Fin |
| **Flow** | XC (Cross-cut) / Omni-directional |
---
### 2. Key Electronic Features
#### A. Attachment Mechanism (pushPIN™)
The "01B" in the part number indicates the specific push-pin attachment system. This is designed for:
* **Ease of Assembly:** It uses a flexible, spring-loaded pin mechanism to secure the sink to the Printed Circuit Board (PCB).
* **Reliability:** Provides consistent pressure on the electronic component (CPU, GPU, or FPGA), ensuring optimal thermal interface material (TIM) performance.
#### B. Thermal Performance
This heat sink is designed to dissipate heat from high-power electronic components. The **12.70 mm height** makes it a "low-profile" solution, ideal for thin rack-mounted servers or compact industrial electronics.
#### C. Material and Coating
* **Aluminum 6063:** Chosen for high thermal conductivity and lightweight properties.
* **Blue Anodized Finish:** This is not just for aesthetics; the anodization protects the aluminum from corrosion and slightly improves radiant heat emission.
---
### 3. Application Use Cases
The ATS-01B-17-C2-R0 is typically used on the following electronic components:
1. **Microprocessors/CPUs:** For embedded systems where vertical space is limited.
2. **ASICs & FPGAs:** Used in networking hardware (routers/switches) to cool custom silicon.
3. **Power Electronics:** Cooling large MOSFET arrays or power converters.
---
### 4. Thermal Resistance Data
Heat sinks perform differently based on the air velocity (measured in Linear Feet per Minute - LFM):
| Velocity (LFM) | 100 | 300 | 500 | 700 |
| :--- | :--- | :--- | :--- | :--- |
| **Resistance (°C/W)** | 15.44 | 6.31 | 3.73 | 2.84 |
---
- ⤷What is the hole pattern requirement for the pushPIN mounting on the PCB?
- ⤷ Does this model come with pre-applied Thermal Interface Material (TIM)?
- ⤷ What are the advantages of the 'XC' fin pattern compared to straight fins?