ATS-01B-185-C2-R0
AI

The **ATS-01B-185-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "Blue Anodized" series designed for component-level cooling in electronics.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this component:
| Specification | Details |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 25.00mm |
| **Thermal Resistance (Natural Flow)** | 7.62°C/W |
| **Thermal Resistance (@ 200 LFM)** | 3.34°C/W |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Features and Components
#### A. The Fin Design (High Performance)
The ATS-01B-185-C2-R0 uses a **straight-fin** configuration. This design is optimized for environments with some level of airflow (forced convection), allowing air to pass through the channels and carry heat away from the base efficiently.
#### B. Push-Pin Attachment Mechanism
Instead of using adhesive tape, this model features a **Push-Pin** system:
* **Plastic Push-Pins:** These provide a secure mechanical connection to the PCB.
* **Compression Springs:** These ensure constant downward pressure on the electronic component (CPU, GPU, or MOSFET), which is critical for maximizing heat transfer.
#### C. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied to the base. T766 is a phase-change material that fills microscopic air gaps between the heat sink and the chip, significantly reducing thermal resistance at the contact point.
---
### 3. Applications
This specific heat sink is commonly used for cooling high-heat-density components such as:
* **Application Specific Integrated Circuits (ASICs)**
* **Field Programmable Gate Arrays (FPGAs)**
* **Power Modules**
* **Network Switches and Routers**
---
### 4. Part Number Breakdown
The nomenclature tells us exactly what the part is:
* **ATS:** Advanced Thermal Solutions (Manufacturer)
* **01:** Series Number
* **B:** Material/Attachment Revision
* **185:** Specific size and fin geometry code
* **C2:** Thermal Interface Material type (T766)
* **R0:** Packaging or Revision status
- ⤷
How do I calculate the required airflow (LFM) for this heat sink in my specific design?
- ⤷ Can this heat sink be used with metal push-pins instead of plastic ones?
- ⤷ What is the difference between T766 and other thermal interface materials like T412?