ATS-01B-77-C3-R0
AI

The **ATS-01B-77-C3-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "blue ICE" series, specifically designed for thermal management of electronic components like CPUs, GPUs, and other high-power ICs.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (with springs) |
| **Thermal Resistance** | 9.58°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 25.00mm x 25.00mm x 20.00mm |
| **Fin Style** | Straight (Extruded) |
---
### 2. Electronic Component Breakdown
While the heat sink itself is mechanical, its "electronic parts" refer to the mounting interface and the specific design choices for heat dissipation:
#### A. The Push-Pin Mechanism
Unlike adhesive heat sinks, this model uses a **brass push-pin with a stainless steel spring**.
* **Purpose:** Provides a consistent, high-pressure connection to the PCB.
* **Reliability:** Ensures the heat sink stays attached during vibration or thermal cycling.
#### B. Thermal Interface Material (TIM)
The "C3" in the part number indicates the presence of a pre-applied thermal material.
* **Material:** Often **Phase Change Material (PCM)** or high-performance grease.
* **Function:** Fills microscopic air gaps between the electronic chip (die) and the aluminum base to lower contact resistance.
#### C. Fin Geometry
The straight-fin design is optimized for **forced air cooling**. In an electronic enclosure, this part is intended to be placed in the path of a cooling fan. The spacing is calculated to minimize pressure drop while maximizing surface area.
---
### 3. Common Applications
This specific footprint (25mm x 25mm) is typically used for cooling the following electronic components:
1. **BGA Packages:** Large Ball Grid Array chips.
2. **ASICs:** Application-Specific Integrated Circuits.
3. **Voltage Regulators:** High-current power management modules.
4. **Network Processors:** Found in routers and switches.
---
- ⤷
What are the requirements for the PCB hole diameter for this push-pin mount?
- ⤷ How does the 'blue anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used for passive cooling without a fan?