ATS-01B-86-C3-R0
AI

The **ATS-01B-86-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the "push pin" attachment series designed for cooling integrated circuits (ICs) and other electronic components.
---
### Technical Specifications
Below are the primary technical parameters for the ATS-01B-86-C3-R0:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push Pin (Plastic) |
| **Dimensions (L x W)** | 35.00mm x 35.00mm |
| **Height** | 15.00mm |
| **Fin Style** | Straight (Cross-cut for multi-directional airflow) |
| **Thermal Resistance** | ~6.00°C/W (at 200 LFM) |
| **Compatibility** | Standard 35mm BGA/FPGA packages |
---
### Key Electronic Components & Features
#### 1. Heat Sink Body
The body is constructed from **Aluminum 6063**, chosen for its excellent thermal conductivity and lightweight properties. The **Blue Anodized finish** is not just aesthetic; it provides a layer of electrical insulation and increases emissivity, which improves heat radiation.
#### 2. Attachment Mechanism (Push Pins)
Instead of using adhesive tapes or clips, this model uses **Plastic Push Pins** with built-in springs.
* **Purpose:** Ensures consistent pressure between the heat sink and the electronic chip.
* **Advantage:** This prevents the heat sink from shifting due to vibration or thermal expansion and allows for easy removal/rework.
#### 3. Thermal Interface Material (TIM)
The "R0" suffix typically denotes that the unit comes with a **Pre-applied Thermal Interface Material** (usually a phase-change material or high-performance thermal pad). This fills the microscopic air gaps between the component (CPU/GPU) and the heat sink.
#### 4. Fin Geometry
The fins are designed in a **cross-cut** pattern. In electronic cooling, this is critical because it allows the heat sink to be "omnidirectional," meaning it can dissipate heat effectively regardless of which direction the fan's airflow is coming from.
---
### Application in Circuit Design
This part is commonly used on Printed Circuit Boards (PCBs) for:
* **FPGA & ASIC Cooling:** High-speed processors that generate significant localized heat.
* **Power Supplies:** Regulating temperature on MOSFETs or power ICs.
* **Network Equipment:** Keeping routers and switches within operational temperature limits.
- ⤷
What are the benefits of push-pin attachment versus thermal adhesive?
- ⤷ How does 'Blue Anodized' coating affect the thermal performance compared to raw aluminum?
- ⤷ What is the recommended airflow (LFM) for this specific heat sink model?