ATS-01D-01-C3-R0
AI

The **ATS-01D-01-C3-R0** is a specific part number for a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, and other high-power semiconductors.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 40mm x 40mm x 6mm |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 22.05°C/W (at 100 LFM) |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by ATS to identify the physical and thermal properties of the heat sink:
* **ATS**: Manufacturer prefix (Advanced Thermal Solutions).
* **01**: Series/Model family.
* **D**: Fin Pitch/Type (High density for optimized airflow).
* **01**: Dimension Identifier (Refers to the 40mm x 40mm footprint).
* **C3**: Thermal Interface Material (TIM). This code indicates that a specific **Phase Change Material** or thermal pad is pre-applied to the base.
* **R0**: RoHS Compliance status (Lead-free and environmentally compliant).
---
### 3. Electronic Application & Performance
The ATS-01D-01-C3-R0 is engineered for **low-profile** applications where vertical space is limited (it is only 6mm high).
#### Thermal Performance Chart
The efficiency of this part depends heavily on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 22.05 |
| 200 | 1.0 | 13.18 |
| 400 | 2.0 | 7.42 |
| 600 | 3.0 | 5.34 |
---
### 4. Mounting Mechanism
The "Push-Pin" assembly is a critical electronic hardware feature:
1. **Push-Pins:** Usually made of plastic (nylon), these snap into pre-drilled holes on the PCB.
2. **Compression Springs:** These provide a precise "force" or pressure on the component, ensuring maximum contact between the chip and the heat sink base for optimal heat transfer.
3. **TIM:** The C3 designation means you do not need to apply thermal paste manually; the pre-applied pad ensures uniform thermal conductivity.
- ⤷
What are the alternative thermal interface materials for this series?
- ⤷ How do I calculate the required LFM for my specific processor?
- ⤷ Are there taller versions of this heat sink for better performance?