ATS-01D-03-C2-R0
AI

The **ATS-01D-03-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "superGRIP" series, designed specifically for cooling electronic components such as BGA (Ball Grid Array) packages.
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-01D-03-C2-R0 |
| **Type** | Top Mount Heat Sink |
| **Attachment Method** | Clip-On (superGRIP) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 40mm x 40mm x 9.5mm |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | 26.20°C/W (Natural Convection) |
---
### Key Components and Design Features
#### 1. The Heat Sink Body
The main body is made of **Aluminum**, which offers a high thermal conductivity-to-weight ratio. The **Blue Anodized** finish is not just for aesthetics; it provides surface protection against corrosion and slightly improves radiant heat transfer.
#### 2. Fin Configuration
This model uses a **straight-fin** design.
* **Low Profile:** At only 9.5mm height, it is ideal for systems with tight vertical clearances (such as 1U servers or slim embedded devices).
* **Airflow:** It is optimized for forced air cooling (fans), though it can function in natural convection environments.
#### 3. superGRIP™ Attachment Mechanism
This is the most critical electronic "part" of the assembly. Instead of using permanent thermal adhesive or drilling holes in the PCB, it uses a high-strength clip system:
* **Frame Clip:** A plastic frame that snaps around the component.
* **Spring Clip:** A metal "C-clip" that applies constant pressure to ensure a tight thermal interface between the component and the heat sink.
---
### Thermal Performance Data
Performance varies based on the Airflow Velocity (Measured in Linear Feet per Minute - LFM):
| Velocity (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 200 | 1.0 | 6.60 |
| 400 | 2.0 | 4.40 |
| 600 | 3.0 | 3.40 |
| 800 | 4.0 | 2.90 |
---
### Applications
The ATS-01D-03-C2-R0 is commonly found in the following electronic hardware:
* **Network Switches/Routers:** Cooling ASICs and FPGAs.
* **Embedded Systems:** For processors that generate moderate heat in small enclosures.
* **Power Supplies:** Cooling high-speed MOSFETs or power regulators.
- ⤷
What is the difference between blue anodized and black anodized heat sinks?
- ⤷ How do I calculate the required LFM for my specific chip wattage?
- ⤷ Can the superGRIP clip be reused on multiple boards?