AI

The **ATS-01D-129-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed for cooling electronic components such as CPUs, GPUs, or high-power semiconductors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Attachment Method** | Push-pin (Brass) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 8.68°C/W (Unducted Flow @ 100 LFM) |
| **Base Dimensions** | 54.00mm x 54.00mm |
| **Height** | 10.00mm |
---
### 2. Key Design Features
* **pushPIN™ Attachment:** This model uses a spring-loaded push-pin mechanism. This ensures a secure fit and constant pressure on the component, improving heat transfer.
* **Straight Fin Design:** The fins are arranged in a straight pattern to optimize airflow in systems with forced convection (fans).
* **Low Profile:** At only 10mm high, it is ideal for space-constrained applications like 1U rackmount servers or compact embedded systems.
* **Pre-Applied Thermal Interface Material (TIM):** This specific model typically comes with a pre-applied high-performance thermal pad (T766), reducing assembly time and ensuring uniform thermal contact.
---
### 3. Thermal Performance Comparison
Thermal performance varies based on the airflow (measured in Linear Feet per Minute - LFM).
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 8.68 |
| 300 | 1.5 | 4.11 |
| 500 | 2.5 | 3.19 |
| 700 | 3.5 | 2.73 |
---
### 4. Integration Code Example
While this is a physical part, hardware engineers often track these in BOM (Bill of Materials) scripts. Below is a representation of how this part might be defined in a Python-based hardware inventory system:
```python
part_info = {
"mpn": "ATS-01D-129-C2-R0",
"category": "Thermal Management",
"type": "Heat Sink",
"dimensions": {
"length": 54.0,
"width": 54.0,
"height": 10.0,
"unit": "mm"
},
"mounting": "Push-Pin",
"material": "Aluminum, Blue Anodized"
}
def check_clearance(component_height):
MAX_HEIGHT = 12.0
return (part_info["dimensions"]["height"] + component_height) < MAX_HEIGHT
```
- ⤷
What are the different types of push-pin materials available for this series?
- ⤷ How does the 'C2' suffix in the part number affect the thermal interface material?
- ⤷ What are the recommended hole sizes for the push-pin mounting on a PCB?