ATS-01D-131-C2-R0
AI

The **ATS-01D-131-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
## 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Dimensions (L x W x H)** | 60mm x 60mm x 20mm |
| **Thermal Resistance** | 1.80°C/W (at 200 LFM) |
| **Flow Direction** | Straight Fin |
---
## 2. Component Breakdown
### A. The Heat Sink Body
* **Material:** Made from high-grade aluminum, which offers a balance between thermal conductivity and lightweight properties.
* **Design:** It features a **Straight Fin** design. This is optimized for uni-directional airflow (active cooling from a fan) to maximize surface area contact with moving air.
* **Finish:** The "Blue Anodized" coating is not just for aesthetics; it provides surface protection against corrosion and slightly improves radiant heat transfer.
### B. The Attachment System (pushPIN™)
The "C2" in the part number signifies the attachment hardware.
* **Push-Pins:** Plastic or brass pins that snap into pre-drilled holes on the PCB.
* **Compression Springs:** These provide "Precise Force" (approximately 20+ different options available in the series). This ensures the heat sink is pressed firmly against the chip for optimal heat transfer without cracking the silicon or the PCB.
### C. Thermal Interface Material (TIM)
* The **R0** designation typically indicates that the part comes with a pre-applied high-performance thermal interface material (like a thermal pad or paste) on the base, ensuring there are no air gaps between the component and the heat sink.
---
## 3. Usage Context
This part is commonly used in industrial and high-computing environments where components generate significant heat. Its 60mm footprint makes it suitable for larger integrated circuits (ICs) found in:
1. Network Switches and Routers.
2. Embedded Computing Boards.
3. Power Supply Units (PSUs).
- ⤷
What is the difference between straight fin and cross-cut fin heat sinks?
- ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this heat sink?
- ⤷ Can the push-pin hardware be replaced with screws for more secure mounting?