ATS-01D-134-C2-R0
AI

The **ATS-01D-134-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
## 1. Technical Specifications
The following table outlines the key physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Spring Loaded) |
| **Thermal Resistance** | 4.44°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W x H)** | 70mm x 70mm x 15mm |
| **Fin Style** | Fine Pitch (Straight Fins) |
---
## 2. Key Electronic & Mechanical Features
### A. pushPIN™ Attachment System
The "01D" in the part number indicates a specific push-pin configuration. This system uses a flexible, spring-loaded mechanism that ensures:
* **Constant Pressure:** Maintains optimal contact between the heat sink and the electronic component.
* **Easy Installation:** No specialized tools are required for mounting to the PCB.
* **Secure Fit:** Prevents the heat sink from shifting during vibration or transport.
### B. Thermal Interface Material (TIM)
This specific model usually comes pre-applied with **T766** thermal interface material. This is a "Phase Change" or high-conductivity grease that fills microscopic air gaps between the component die and the aluminum base to maximize heat transfer.
### C. Fin Geometry
The straight-fin design is optimized for **forced air cooling** (active airflow from a fan). The low profile (15mm height) makes it suitable for "1U" server racks or compact electronic enclosures where vertical space is limited.
---
## 3. Application Use Cases
This part is commonly used in the following electronic systems:
1. **Telecommunications:** Cooling high-speed signal processors.
2. **Embedded Systems:** Thermal management for industrial motherboards.
3. **Power Electronics:** Dissipating heat from large MOSFET arrays or voltage regulators.
---
- ⤷
What is the significance of the 'Blue Anodized' finish on this heat sink?
- ⤷ How do I calculate if the 4.44°C/W thermal resistance is sufficient for my 50W chip?
- ⤷ What is the specific PCB hole pattern required for the push-pin mounting?