ATS-01D-173-C2-R0
AI

The **ATS-01D-173-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
## 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to define the dimensions, fin style, and thermal properties.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Fin Style** | Push-Pin (Straight Fins) |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 30.00mm |
| **Thermal Resistance** | ~4.72°C/W (at 100 LFM) |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Interface Material** | T766 (Phase Change Material) |
---
## 2. Component Breakdown
### A. Material and Coating
The unit is made from **Aluminum 6063**, which offers high thermal conductivity while remaining lightweight. The **Blue Anodized** finish is not just for aesthetics; it provides:
* Increased corrosion resistance.
* Improved surface emissivity for better radiant heat transfer.
* Electrical insulation of the surface.
### B. The Push-Pin Mechanism
Unlike adhesive-based heat sinks, the "C2" designation refers to a specific attachment system:
* **Hole Pattern:** Designed for specific PCB layouts (typically 38mm or 43mm spacing).
* **Compression Springs:** These ensure constant, even pressure on the component (TIM), maximizing heat transfer efficiency.
### C. Thermal Interface Material (TIM)
This part comes pre-applied with **T766 Phase Change Material**.
* **Function:** As the chip heats up, this material softens and fills microscopic air gaps between the chip and the heat sink.
* **Advantage:** It offers lower thermal resistance than standard thermal pads.
---
## 3. Performance Data (Airflow)
Thermal performance is dependent on the velocity of the air passing through the fins (measured in Linear Feet per Minute - LFM).
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (Natural) | 4.72 |
| 400 | 2.95 |
| 600 | 2.41 |
| 800 | 2.12 |
---
## 4. Common Applications
* **Integrated Circuits (ICs):** Cooling FPGAs or ASICs in telecommunications.
* **Power Electronics:** Used on VRMs (Voltage Regulator Modules).
* **Embedded Systems:** Industrial PCs where space is limited but high vertical clearance (30mm) is available.
- ⤷
What are the PCB hole requirements for the push-pin mounting of this heat sink?
- ⤷ How does the T766 phase change material compare to standard thermal grease?
- ⤷ Can this heat sink be used in a passive cooling environment without a fan?