ATS-01D-175-C2-R0
AI

The **ATS-01D-175-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or failure.
---
### Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 13.52°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 10.00mm |
| **Fin Style** | Straight Fin |
| **Compliance** | RoHS Compliant |
---
### Key Electronic & Mechanical Features
#### 1. pushPIN™ Attachment System
Unlike adhesive-based heat sinks, this model uses a **pushPIN™** mechanism. This is critical for electronics because:
* **Reliability:** It provides consistent pressure on the component (TIM - Thermal Interface Material).
* **Vibration Resistance:** It is more secure in high-vibration environments compared to tape.
* **Pre-Assembled Springs:** The hardware is pre-assembled to ensure easy installation on PCBs with pre-drilled holes.
#### 2. Thermal Interface Material (TIM)
The "R0" designation typically implies the inclusion of a high-performance **Phase Change Material (PCM)** or a thermal pad pre-applied to the base. This fills microscopic air gaps between the heat sink and the electronic chip, significantly lowering thermal resistance.
#### 3. Airflow Efficiency
The straight-fin design is optimized for **forced convection**. In an electronic enclosure, a fan blowing air through these fins allows for heat transfer from the aluminum surface to the surrounding environment.
### Common Applications
* **Embedded Systems:** Microcontrollers and Small Form Factor (SFF) computers.
* **Telecommunications:** Network switches and routers.
* **Power Electronics:** Voltage regulators and high-speed motor drivers.
---
- ⤷What is the difference between pushPIN and adhesive heat sink mounting?
- ⤷ How do I calculate if the 13.52°C/W resistance is sufficient for my component?
- ⤷ Are there alternative fin designs like cross-cut or pin-fin for this size?