ATS-01D-176-C2-R0
AI

The **ATS-01D-176-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push-pin" series designed for cooling electronic components such as CPUs, GPUs, and high-power MOSFETs.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of the component:
| Feature | Specification |
|:---|:---|
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-01D-176-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Dimensions (L x W x H)** | 35mm x 35mm x 15mm |
| **Thermal Resistance** | 6.73°C/W (at 200 LFM) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Key Electronic Features
#### A. Thermal Management
The primary purpose of this part is to dissipate heat from surface-mount devices (SMD). It utilizes a **straight-fin design**, which is optimized for forced-air cooling environments (systems with fans).
#### B. Attachment Mechanism (Push-Pins)
Unlike adhesive-based heat sinks, this model uses a mechanical push-pin system.
* **Compression:** Provides consistent pressure on the electronic chip, ensuring a better thermal bond.
* **Springs:** Included to ensure the heat sink remains seated during vibration or thermal expansion.
#### C. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied. This is a high-performance thermal pad that fills microscopic air gaps between the component die and the aluminum base, significantly reducing thermal resistance.
---
### 3. Dimensional Drawing (Reference)
While actual CAD files are required for manufacturing, the layout generally follows this structure:
```text
35.00 mm [1.38"]
<--------------->
_________________ ^
| || || || || || | | 15.00 mm [0.59"]
|_||_||_||_||_||_| v
[________________] (Base)
```
---
### 4. Typical Applications
* **Embedded Systems:** Cooling microprocessors in industrial PCs.
* **Networking:** Cooling ASICs in switches and routers.
* **Power Electronics:** Managing heat for voltage regulators and power converters.
- ⤷
What are the drill hole requirements for the push-pin installation?
- ⤷ How does blue anodizing affect the thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used in a passive (fanless) cooling setup?