ATS-01D-188-C2-R0
AI

The **ATS-01D-188-C2-R0** is a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" series designed to provide efficient cooling for electronic components like CPUs, GPUs, and power modules.
---
### 1. Technical Specifications
The following table highlights the core physical and thermal properties of this component:
| Property | Value / Detail |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Brass) with Compression Spring |
| **Thermal Resistance** | 6.67°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 15.00mm |
| **Fin Style** | Fine Pitch (straight fins for directional airflow) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Electronic & Mechanical Features
#### A. Thermal Interface Material (TIM)
This part comes with **T766** pre-applied to the base. In electronics, the TIM is crucial because it fills the microscopic air gaps between the heat sink and the component (like a processor), ensuring maximum heat transfer.
#### B. Attachment System: Push Pin & Spring
Unlike adhesive-based heat sinks, the `C2-R0` uses a mechanical fastening system:
* **Push Pins:** Brass pins that snap into pre-drilled holes on the PCB.
* **Compression Springs:** These ensure a consistent "downward force" (pressure), preventing the heat sink from shifting and maintaining optimal contact with the electronic chip.
#### C. Aluminum 6063 Alloy
The use of AL6063 is standard in high-end electronics cooling because it offers a high thermal conductivity-to-weight ratio, ensuring the component doesn't add excessive weight to the circuit board while dissipating heat effectively.
---
### 3. Application Use Cases
* **Telecommunications:** Cooling for network switches and routers.
* **Power Electronics:** Dissipating heat from high-current transistors (MOSFETs).
* **Embedded Systems:** Ideal for ARM or FPGA processors that operate in environments with forced air (fan-cooled).
---
### 4. Thermal Performance Data
*Data represents temperature rise over ambient per Watt:*
* **Unducted Airflow (200 LFM):** 6.67 °C/W
* **Unducted Airflow (400 LFM):** 3.51 °C/W
* **Unducted Airflow (600 LFM):** 2.72 °C/W
- ⤷
What are the PCB hole diameter requirements for the brass push pins?
- ⤷ How does the T766 thermal interface material compare to standard thermal paste?
- ⤷ Are there specific fan CFM ratings recommended for use with this heat sink?