ATS-01D-193-C2-R0
AI

The **ATS-01D-193-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heatsink**. It is designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The following table summarizes the primary physical and thermal characteristics of this part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Part Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimension (L x W)** | 40mm x 40mm |
| **Height (Fin Height)** | 10mm |
| **Mounting Type** | Push-Pin (Brass) |
| **Attachment Style** | Spring-loaded |
| **Thermal Resistance** | 21.11°C/W (Unducted Flow @ 100 LFM) |
---
### 2. Key Electronic Components
While the heatsink itself is mechanical, it consists of several sub-parts designed for electronic integration:
* **Heat Sink Body:** Features a "Fine Pitch" or "Cross-Cut" design. The large surface area allows for efficient heat transfer from the semiconductor die to the surrounding air.
* **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied. TIM is a phase-change material that fills microscopic air gaps between the chip and the heatsink to improve conductivity.
* **Push-Pin & Spring Assembly:** These are the mechanical fasteners. The springs ensure "Constant Pressure," which is critical in electronics to prevent the heatsink from shifting during thermal expansion or vibration.
---
### 3. Usage in Electronic Design
When engineers select the **ATS-01D-193-C2-R0**, they look at the following performance metrics relative to the PCB:
1. **Thermal Performance:**
* **At 200 LFM (Linear Feet per Minute):** Resistance drops to ~10.0°C/W.
* **At 500 LFM:** Resistance drops further to ~6.0°C/W.
2. **Hole Pattern:** The part requires specific drill holes in the PCB. For this model, the pitch is typically **45mm x 45mm** (though it fits a 40mm chip).
3. **Low Profile:** At only 10mm height, it is ideal for high-density electronic enclosures or 1U server racks where vertical space is limited.
---
### 4. Application Examples
* **Voltage Regulator Modules (VRMs):** Cooling power delivery phases.
* **Embedded Systems:** Industrial PCs where fanless cooling is supplemented by chassis airflow.
* **Networking Equipment:** Routers and switches that use high-speed ASICs.
- ⤷What is the difference between the C1
- ⤷ C2
- ⤷ and C3 variants for this heatsink series?
- ⤷ How do I calculate the required LFM airflow for a specific TDP using this heatsink?
- ⤷ What are the PCB drill hole requirements for the ATS push-pin mounting system?