ATS-01D-30-C3-R0
AI

The **ATS-01D-30-C3-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Push-Pin Heat Sink**. It is designed to dissipate heat from surface-mount components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part number:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Heat Sink Type** | Push-Pin (Fine Pitch) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 30mm x 30mm x 25mm |
| **Attachment Method** | Push-Pin with Brass Springs |
| **Thermal Resistance** | 5.35°C/W (at 200 LFM) |
| **Flow Direction** | Vertical/Horizontal (Omni-directional fins) |
---
### 2. Key Design Components
#### A. Fine Pitch Fin Design
The "D" in the part number often refers to the fin density or pattern. This model features a high-density fin array which increases the surface area for heat exchange without significantly increasing the footprint of the device.
#### B. Push-Pin Mounting System
Instead of using messy thermal adhesives or tapes, this part uses a mechanical attachment system:
* **Push-Pins:** Plastic or metal pins that snap into pre-drilled holes on the PCB.
* **Springs:** Provides consistent downward pressure (clamping force) to ensure maximum contact between the component and the heat sink.
#### C. Thermal Interface Material (TIM)
The **-C3** suffix indicates that the unit comes pre-applied with a high-performance thermal interface material (typically a phase-change material or thermal grease). This eliminates the need for manual application and ensures air gaps are filled for better conductivity.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying its properties:
1. **ATS**: Manufacturer (Advanced Thermal Solutions).
2. **01D**: Series designation (Push-pin style).
3. **30**: Width/Length in millimeters (30x30mm).
4. **C3**: Thermal Interface Material type (Pre-applied).
5. **R0**: RoHS Compliance status (Lead-free).
---
### 4. Application Use-Case
This part is typically used in:
* **Telecommunications:** Cooling high-speed processors in routers.
* **Embedded Systems:** Industrial PCs where vibration resistance is needed (push-pins are more secure than adhesive).
* **Power Supplies:** Cooling voltage regulators.
- ⤷
What are the PCB hole diameter requirements for this push-pin model?
- ⤷ How does the 'Blue Anodized' finish affect thermal radiation?
- ⤷ Can this heat sink be used with a cooling fan attached?