Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-01D-40-C3-R0

  • AI
    The **ATS-01D-40-C3-R0** is a specific electronic cooling component known as a **Heat Sink**. It is part of the "Advanced Thermal Solutions" (ATS) push-pin series, designed for thermal management of semiconductors like CPUs, GPUs, and other integrated circuits. --- ### 1. Technical Specifications The following table breaks down the core physical and thermal characteristics of this part: | Characteristic | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) | | **Material** | Aluminum (Blue Anodized) | | **Attachment Method** | Push-Pin (Plastic) | | **Dimension (L x W)** | 45.00mm x 45.00mm | | **Height** | 15.00mm | | **Thermal Resistance** | 14.71°C/W (Natural Flow) to 1.51°C/W (Forced Flow) | | **Fin Style** | Straight (Cross-Cut for multidirectional flow) | --- ### 2. Key Electronic Features #### A. Thermal Management The primary electronic function of this part is to dissipate heat generated by a component. By increasing the surface area exposed to the air, it prevents **Thermal Throttling** and extends the lifespan of the underlying silicon. #### B. Mounting System (Push-Pins) The "C3" in the part number indicates a specific mounting kit. - **Hardware:** It uses plastic push-pins and a compression spring. - **Ease of Assembly:** These are designed for quick installation onto pre-drilled PCB holes, providing consistent pressure for better thermal interface contact. #### C. Material & Coating - **Aluminum 6063:** High thermal conductivity while remaining lightweight. - **Blue Anodized Finish:** Provides a protective layer against corrosion and slightly increases emissivity for better radiation-based cooling. --- ### 3. Application Use Cases This part is typically found in the following electronic environments: 1. **Networking Hardware:** Switches and routers where high-speed processors generate significant heat. 2. **Embedded Systems:** Industrial PCs and controllers. 3. **Power Electronics:** Cooling MOSFETs or Voltage Regulators (VRMs) in dense circuit layouts. --- ### 4. Ordering Nomenclature Breakdown The part number `ATS-01D-40-C3-R0` can be decoded as follows: | Segment | Meaning | | :--- | :--- | | **ATS** | Manufacturer Prefix (Advanced Thermal Solutions) | | **01** | Series Number | | **D** | Fin Pattern/Pitch | | **40** | Length/Width Code (45mm base) | | **C3** | Thermal Interface Material (TIM) and Attachment type | | **R0** | RoHS Compliance / Revision code |
    ✨ Follow-up Questions
    • ⤷ What is the recommended Thermal Interface Material (TIM) for this heat sink?
    • ⤷ How do I calculate if the 14.71°C/W thermal resistance is sufficient for my chip?
    • ⤷ What are the specific hole dimensions required on the PCB for the push-pins?