ATS-01D-41-C3-R0
AI

The **ATS-01D-41-C3-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heatsink**. It is designed to dissipate heat from surface-mount components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 40mm x 40mm x 25mm |
| **Fin Style** | Straight Fin |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | ~10.07° C/W (Natural Convection) |
| **Compatibility** | Standard PCB hole patterns |
---
### 2. Core Electronic/Thermal Components
The assembly consists of three main electronic packaging elements:
#### A. The Heatsink Body
* **Geometry:** Features a vertical fin array designed for both natural and forced air convection.
* **Material Science:** Constructed from 6063 aluminum. The **Blue Anodized** finish isn't just for aesthetics; it provides surface protection and slightly increases emissivity for better radiant heat transfer.
#### B. The Push-Pin Mechanism
* **Function:** Ensures consistent pressure between the heatsink base and the electronic component (IC).
* **Spring Rate:** The "R0" series uses specific spring tensions to ensure optimal **Interface Pressure**, which is critical for minimizing the air gaps between the chip and the metal.
#### C. Thermal Interface Material (TIM)
* **Pre-Applied:** This specific model usually comes with a pre-applied thermal pad or phase-change material on the base. This fills the microscopic air gaps between the electronic package and the heatsink.
---
### 3. Application Use Cases
In electronic design, this part is typically used for:
1. **High-Density PCBs:** Where space is limited but vertical height allows for 25mm clearance.
2. **Network Switches:** Cooling ASICs or processors that generate moderate heat.
3. **Power Supplies:** Managing heat for MOSFET arrays or voltage regulators.
---
### 4. Thermal Performance Comparison
*At varying airflow speeds (LFM - Linear Feet per Minute):*
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 3.20 |
| 400 (2.0 m/s) | 2.10 |
| 600 (3.0 m/s) | 1.60 |
---
- ⤷
What are the PCB hole diameter requirements for the ATS push-pin system?
- ⤷ Does this model include pre-applied thermal interface material (TIM)?
- ⤷ How does the blue anodized finish affect the thermal emissivity of the part?