ATS-01D-71-C3-R0
AI

The **ATS-01D-71-C3-R0** is a high-performance electronic thermal management component, specifically an aluminum pin-fin heat sink designed for cooling integrated circuits (ICs) and other electronic packages.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 6.77°C/W (at 100 LFM) |
| **Dimensions (L x W)** | 45.00mm x 45.00mm |
| **Height** | 30.00mm |
| **Thermal Interface Material (TIM)** | T412 (Pre-applied) |
---
### 2. Design Breakdown
#### A. Pin-Fin Geometry
Unlike traditional straight-fin heat sinks, the pin-fin design allows for **omnidirectional airflow**. This is critical in electronics where the direction of the cooling fan's exhaust might be unpredictable or restricted. It increases surface area and promotes turbulence, which improves heat dissipation.
#### B. pushPIN™ Attachment System
This part utilizes a specific mechanical attachment mechanism:
* **Compression Springs:** Ensure consistent pressure (clamped force) across the component for maximum heat transfer.
* **Plastic/Brass Push Pins:** Secure the heat sink directly into pre-drilled holes on the Printed Circuit Board (PCB).
#### C. Thermal Interface Material (TIM)
The "C3" in the part number refers to the use of **T412 thermal tape/grease**. This material fills the microscopic air gaps between the heat sink base and the electronic component (CPU/GPU/FPGA), significantly reducing contact resistance.
---
### 3. Applications
The ATS-01D-71-C3-R0 is typically used in the following environments:
* **Telecommunications:** High-speed routers and switches.
* **Embedded Computing:** Industrial PC boards and controllers.
* **Power Supplies:** Cooling MOSFETs or power transistors.
---
- ⤷
How does the thermal resistance of this part change with different airflow speeds?
- ⤷ What are the PCB hole requirements for the pushPIN attachment?
- ⤷ Is there a straight-fin alternative to this specific pin-fin model?