ATS-01D-81-C2-R0
AI

The **ATS-01D-81-C2-R0** is a specific electronic cooling component manufactured by **Advanced Thermal Solutions (ATS)**. It is a high-performance heat sink designed for thermal management in electronic systems.
---
## 1. Component Identification
This part belongs to the **blueICE™** series, characterized by its distinctive blue anodized finish and high-efficiency fin design.
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-01D-81-C2-R0 |
| **Component Type** | Heat Sink |
| **Attachment Method** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 30mm x 30mm x 20mm |
| **Thermal Resistance** | ~14.03 °C/W (Unducted Flow @ 200 LFM) |
---
## 2. Key Electronic & Mechanical Features
### A. pushPIN™ Attachment System
Unlike adhesive-based heat sinks, the "01D" in the part number signifies a **pushPIN™** assembly. This provides several advantages:
* **Constant Pressure:** Ensures a consistent interface between the heat sink and the heat-generating component (CPU/GPU/FPGA).
* **Reliability:** Mechanical attachment is more resistant to shock and vibration compared to thermal tape.
* **Spring-Loaded:** Features a pre-assembled compression spring for precise force application.
### B. Thermal Performance (C2 Rating)
The **C2** designation refers to the thermal interface material (TIM) or specific performance tier. This heat sink is optimized for:
* High-density PCB layouts.
* Components requiring mid-to-high thermal dissipation in a small footprint.
* Laminar or turbulent airflow environments.
### C. Material and Geometry
* **Straight Fin Design:** The fins are arranged to allow air to pass through linearly, which is ideal for systems with a dedicated cooling fan or directional chassis airflow.
* **Aluminum Construction:** Offers a balance between lightweight design and effective thermal conductivity.
---
## 3. Common Applications
This part is typically found in the following electronic systems:
1. **Telecommunications:** Cooling for high-speed signal processors.
2. **Embedded Systems:** Industrial PCs and controllers.
3. **Networking:** Routers and switches where air is forced through the chassis.
4. **Power Electronics:** Cooling for MOSFETs or small voltage regulators.
---
- ⤷
What are the specific hole patterns required on a PCB for the pushPIN™ attachment?
- ⤷ How does the thermal resistance change at higher airflow velocities (LFM)?
- ⤷ Is there a version of this heat sink with a different height for low-profile applications?