ATS-01D-87-C3-R0
AI

The **ATS-01D-87-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-pin (Spring-loaded) |
| **Dimensions** | 35mm x 35mm x 20mm |
| **Thermal Resistance** | 13.30°C/W (Unducted Flow @ 100 LFM) |
| **Airflow Path** | Straight (Straight Fin) |
---
### Key Electronic Components & Features
#### 1. Heat Sink Body (Straight Fin)
The core of the part is the aluminum body featuring vertical straight fins. In electronics, the surface area is critical; the straight fin design maximizes the area for heat to transfer from the metal to the surrounding air, preventing "thermal throttling" or component failure.
#### 2. Attachment Mechanism: pushPIN™
Unlike adhesive-based heat sinks, this part uses a mechanical push-pin system. This is crucial for electronic PCB (Printed Circuit Board) design because:
* **Constant Pressure:** The compression springs provide precise, uniform pressure across the thermal interface material (TIM).
* **Reliability:** It ensures the heat sink remains attached during mechanical shocks or vibrations.
* **Pre-drilled Holes:** It requires specific hole patterns on the PCB (typically 35mm or 40mm spacing for this series).
#### 3. Thermal Interface Material (TIM)
The "C3" in the part number often indicates the type of thermal interface. This is a thin layer of conductive material pre-applied to the base of the heat sink. It fills microscopic air gaps between the heat sink and the electronic chip, significantly improving heat conduction.
---
### Thermal Performance Table
Thermal resistance indicates how effectively the part removes heat. Lower values (measured in °C/W) are better as airflow increases.
| Air Velocity (LFM) | Velocity (m/s) | Thermal Resistance (Ducted) | Thermal Resistance (Unducted) |
| :--- | :--- | :--- | :--- |
| 100 | 0.5 | 4.80 °C/W | 13.30 °C/W |
| 300 | 1.5 | 2.50 °C/W | 4.70 °C/W |
| 500 | 2.5 | 1.90 °C/W | 3.00 °C/W |
- ⤷
What is the difference between ducted and unducted thermal resistance for this part?
- ⤷ What are the specific PCB hole requirements for the push-pin attachment?
- ⤷ How does blue anodizing affect the electronic performance of a heat sink?