ATS-01D-91-C1-R0
AI

The **ATS-01D-91-C1-R0** is a high-performance electronic thermal management component, specifically an aluminum heat sink designed for cooling integrated circuits (ICs) and other electronic components.
### 1. Technical Specifications
The following table highlights the primary physical and thermal characteristics of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 10.00mm |
| **Thermal Resistance (Unducted)** | 21.86 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 3.58 °C/W @ 100 LFM |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Component Breakdown
The part consists of four main electronic packaging sub-components:
#### A. The Heat Sink Body
* **Geometry:** Features a "Fine Pitch" design. This maximizes surface area for heat dissipation while maintaining a low profile (10mm height), making it ideal for tight PCB layouts.
* **Material:** Extruded aluminum provides a high thermal conductivity-to-weight ratio.
#### B. The pushPIN™ Attachment System
Instead of using messy adhesives or weak tapes, this part uses a mechanical spring-loaded pin system.
* **Vibration Resistance:** The springs ensure constant pressure between the heat sink and the chip, which is critical for industrial or automotive electronics where vibration is present.
* **Serviceability:** Allows for easy removal and reattachment during PCB debugging or repair.
#### C. Thermal Interface Material (TIM)
* The **T766** material is pre-applied to the base.
* **Function:** It fills microscopic air gaps between the heat sink and the electronic component (CPU, GPU, or FPGA), significantly reducing thermal resistance at the contact point.
#### D. Blue Anodized Finish
* **Function:** Beyond aesthetics, the anodized coating provides electrical insulation and improves surface emissivity, aiding in heat radiation.
---
### 3. Application Use Cases
This part is commonly used to cool the following types of electronic components:
* **FPGAs & ASICs:** High-density logic chips that generate localized hotspots.
* **Voltage Regulator Modules (VRMs):** Power delivery components that require stable thermal environments.
* **Embedded Systems:** Industrial PCs where vertical space (10mm) is restricted.
---
- ⤷What is the difference between ducted and unducted thermal resistance for this part?
- ⤷ How do I determine the correct hole pattern on a PCB for the pushPIN attachment?
- ⤷ Can the T766 thermal material be reused if the heat sink is removed?