ATS-01E-32-C2-R0
AI

The **ATS-01E-32-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** manufactured by *Advanced Thermal Solutions (ATS)*. It is part of the "Blue Anodized" push-pin series designed for cooling integrated circuits (ICs) and other PCB components.
---
## 1. Technical Specifications
The following table highlights the primary physical and thermal characteristics of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Shape** | Square / Rectangular (Square Fin) |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Thermal Resistance** | 21.46°C/W (Natural Convection) |
| **Dimensions (L x W)** | 30mm x 30mm |
| **Height** | 15mm |
| **Airflow** | Vertical / Omni-directional |
---
## 2. Key Electronic & Mechanical Components
### A. The Heat Sink Body (Aluminum)
The body is constructed from high-quality aluminum. In electronics, aluminum is preferred for its high thermal conductivity ($k \approx 200 \text{ W/m·K}$) and lightweight properties, which prevent mechanical stress on the PCB.
### B. Fin Design
This model uses a **Square Fin** (cross-cut) pattern. Unlike straight fins, square fins allow for **omni-directional airflow**. This is critical in electronic enclosures where the direction of the cooling fan's airflow may be unpredictable or restricted.
### C. Attachment Mechanism: Push-Pins
The "R0" suffix indicates a specific attachment kit. Push-pins provide several advantages over thermal adhesives:
* **Constant Pressure:** They ensure a consistent interface between the chip and the heatsink.
* **Reworkability:** They allow for easy removal and replacement of the component without damaging the PCB.
* **Vibration Resistance:** They are more secure in high-vibration industrial environments.
---
## 3. Thermal Performance Profile
Thermal management is measured by how much the temperature increases per watt of power dissipated.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **Natural Convection** | 21.46 |
| **200 LFM (Duct Flow)** | 11.77 |
| **500 LFM (Duct Flow)** | 7.04 |
---
## 4. Typical Applications
* **BGA Cooling:** Ball Grid Array processors.
* **FPGA & ASICs:** High-speed logic devices that generate significant localized heat.
* **Power Supplies:** Cooling voltage regulators and MOSFETs.
* **Network Equipment:** Routers and switches with dense PCB layouts.
- ⤷
How does the 'Blue Anodized' finish affect thermal radiation compared to bare aluminum?
- ⤷ What is the recommended hole diameter on the PCB for the push-pin attachment?
- ⤷ Can this heatsink be used with a Phase Change Material (PCM) interface?