ATS-01E-47-C2-R0
AI

The **ATS-01E-47-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "superGRIP" series, designed for high-airflow environments and precision cooling.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | superGRIP (Clip-on) |
| **Thermal Resistance** | 6.57°C/W @ 200 LFM |
| **Dimensions (L x W)** | 30.00mm x 30.00mm |
| **Height** | 25.00mm |
| **Fin Style** | Straight (Vertical) |
---
### 2. Design Breakdown
The "electronic parts" of this assembly are focused on the efficient dissipation of heat from integrated circuits (ICs) or BGA (Ball Grid Array) components:
* **Heat Sink Body:** Constructed from aluminum for its high thermal conductivity-to-weight ratio. The blue anodized finish increases emissivity and provides corrosion resistance.
* **Fin Configuration:** The straight-cut fins are optimized for **forced convection** (air moving through a fan). They provide a large surface area for heat to transfer from the metal to the passing air.
* **The superGRIP™ Attachment:**
* **Plastic Frame:** A high-strength clip that snaps onto the PCB without requiring holes.
* **Metal Spring:** A "horseshoe" shaped spring clip that applies uniform pressure across the component.
* **Thermal Interface Material (TIM):** This part usually comes with a pre-applied high-performance thermal pad (often Phase Change Material) on the base to fill microscopic air gaps between the chip and the heat sink.
---
### 3. Part Number Decoding
Understanding the nomenclature helps identify the specific variant:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **01E** | Series (superGRIP Thermal Management) |
| **47** | Specific physical dimensions/footprint |
| **C2** | Thermal Performance/Fin Density code |
| **R0** | RoHS Compliant / Revision code |
---
### 4. Application Use-Cases
This component is typically used in industrial and telecommunications hardware where PCB space is limited but heat generation is high:
* **Network Switches/Routers:** Cooling high-speed processors.
* **FPGA/ASIC:** Providing thermal stability for custom logic chips.
* **Power Supplies:** Managing heat for MOSFETs or power regulators.
- ⤷
What is the advantage of the superGRIP attachment over traditional adhesive tapes?
- ⤷ How do I calculate the thermal resistance required for my specific chip?
- ⤷ Can this heat sink be used in a passive (natural convection) environment?