Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-01E-82-C2-R0

  • AI
    The **ATS-01E-82-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions, Inc. (ATS)**. It is part of the "superGRIP" product line, designed specifically for cooling electronic components such as BGAs (Ball Grid Arrays). --- ### 1. Technical Specifications The following table outlines the physical and thermal properties of this specific component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Dimensions (L x W)** | 30mm x 30mm | | **Height** | 25mm | | **Thermal Resistance** | 10.79° C/W (at 200 LFM) | | **Attachment Method** | superGRIP™ Clip (No Holes required) | | **Fin Type** | Straight Fin | --- ### 2. Key Components and Design Features #### A. Thermal Management (The Heat Sink) * **Straight Fin Design:** This model utilizes vertical aluminum fins. This design is optimized for environments where there is a steady flow of air (forced convection) in a specific direction. * **Aluminum Construction:** Aluminum is used because it provides a high strength-to-weight ratio and excellent thermal conductivity while remaining cost-effective. * **Anodized Coating:** The blue anodized finish increases surface emissivity, which improves heat radiation and protects the metal from corrosion. #### B. Attachment Mechanism (superGRIP™) The "R0" suffix often refers to the specific attachment kit included. The superGRIP system is unique because: * **Frame Clip:** A plastic frame clips onto the base of the BGA component. * **Spring Clip:** A metal clip applies constant pressure to ensure high thermal contact between the chip and the heat sink. * **Non-Invasive:** It does not require holes to be drilled into the Printed Circuit Board (PCB), saving space and reducing manufacturing complexity. #### C. Thermal Interface Material (TIM) Usually, these parts come with a pre-applied high-performance thermal pad or require a specific thermal grease to bridge the microscopic air gaps between the electronic chip and the aluminum base. --- ### 3. Common Applications This part is typically used in the following electronic sectors: 1. **Telecommunications:** Cooling routers, switches, and base station processors. 2. **Embedded Systems:** Industrial PCs and automation controllers. 3. **Power Electronics:** Cooling high-speed integrated circuits that generate significant localized heat. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between straight fin and cross-cut fin heat sinks in thermal performance?
    • ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this heat sink?
    • ⤷ Can the superGRIP attachment be reused if the component is replaced?