ATS-01E-85-C2-R0
AI

The **ATS-01E-85-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** product line, which is designed to provide high-efficiency cooling for electronic components like processors, FPGAs, and ASICs.
---
### 1. Technical Specifications
The following table highlights the core physical and thermal characteristics of this part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Extruded) |
| **Finish** | Blue Anodized |
| **Mounting Style** | pushPIN™ |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 10.00mm |
| **Thermal Resistance** | 8.98°C/W (at 200 LFM) |
| **Attachment Method** | Plastic Push Pin with Brass Springs |
| **Flow Pattern** | maxiFLOW™ (Optimized for directional airflow) |
---
### 2. Key Component Features
#### A. The maxiFLOW™ Design
Unlike standard straight-fin heat sinks, the ATS-01E-85-C2-R0 features a **flared fin structure**. This geometry:
* Increases the surface area for heat dissipation.
* Reduces the pressure drop across the sink, allowing air to flow through it more easily.
* Is ideal for systems with high-density components where airflow is restricted.
#### B. pushPIN™ Attachment System
The part utilizes the patented **pushPIN™** assembly. This is critical for electronics because:
* It ensures consistent pressure (clamping force) on the electronic chip, which optimizes thermal interface material (TIM) performance.
* The hardware is pre-assembled, reducing the risk of component damage during installation.
* It includes a compression spring that accounts for PCB thickness variations.
#### C. Thermal Interface Material (TIM)
Typically, these units come with a pre-applied thermal interface material (like **T766**), which fills microscopic air gaps between the heat sink and the electronic chip to ensure maximum heat transfer.
---
### 3. Application Use Cases
This specific heat sink size (35mm x 35mm) is commonly used for cooling:
1. **Network Switches/Routers:** Cooling high-speed processing chips.
2. **Power Supplies:** Dissipating heat from MOSFETs or Power ICs.
3. **Embedded Systems:** Industrial PCs or automation controllers where passive or forced-air cooling is required.
---
- ⤷
What is the difference between blue anodized and black anodized finishes for heat sinks?
- ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this heat sink in my circuit?
- ⤷ Can this heat sink be used with a custom thermal pad instead of the pre-applied TIM?