ATS-01E-93-C2-R0
AI

The **ATS-01E-93-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** series and is designed for high-performance thermal management.
---
### 1. Component Overview
The ATS-01E-93-C2-R0 is a **Heatsink** designed primarily for cooling BGA (Ball Grid Array) components and other high-heat surface-mount integrated circuits.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Type** | Board Level Heatsink |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
---
### 2. Physical Dimensions
The physical footprint is critical for PCB layout and clearance planning.
* **Size:** 40mm x 40mm (Square base).
* **Height:** 20mm (Standard low-profile).
* **Fin Style:** Straight fin design optimized for high-velocity airflow.
---
### 3. Thermal Performance
Thermal resistance is measured in °C/W (Degrees Celsius per Watt). A lower number indicates better heat dissipation.
* **Thermal Resistance (Unducted @ 200 LFM):** Approximately 2.80 °C/W.
* **Thermal Resistance (Ducted):** Performance improves significantly in channeled airflow environments.
---
### 4. Mounting System: pushPIN™
One of the defining features of this part is the attachment mechanism.
1. **Spring-Loaded Pins:** Uses two plastic or brass pins with springs to provide constant, even pressure on the chip.
2. **Reliability:** This method is preferred over thermal adhesives because it ensures a mechanical bond that survives shock and vibration.
3. **TIM (Thermal Interface Material):** Usually comes pre-applied with a high-performance thermal pad (T766 or similar) to fill microscopic air gaps between the chip and the heatsink.
---
### 5. Application Areas
* **Networking:** Routers, switches, and base stations.
* **Computing:** Embedded systems and industrial PCs.
* **Power Supplies:** Cooling high-wattage voltage regulators.
- ⤷
What are the PCB hole diameter requirements for the pushPIN mounting system?
- ⤷ How does the 'Blue Anodized' finish affect the thermal performance compared to raw aluminum?
- ⤷ Is there a version of this heatsink with a higher profile for better passive cooling?