ATS-01E-95-C2-R0
AI

The **ATS-01E-95-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **blueICE™** series, designed for high-density cooling requirements.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics. Below is the technical breakdown:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 25.00mm |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 7.29°C/W (Natural Convection) |
| **Thermal Interface Material (TIM)** | T766 (High Performance Pre-applied) |
---
### 2. Key Component Features
#### A. Fin Geometry
The "95" series typically features a **Straight Fin** or **Cross-Cut** design. This allows for optimal airflow in forced convection environments (where fans are used), significantly reducing the junction temperature of the semiconductor it is cooling.
#### B. Attachment Mechanism: Push-Pins
Unlike adhesive tapes, this part uses **Plastic Push-Pins**.
* **Reliability:** Provides consistent pressure on the processor/chip.
* **Installation:** Requires pre-drilled holes in the PCB (Printed Circuit Board).
* **Compression Spring:** Ensures the TIM (Thermal Interface Material) makes a perfect seal between the heat sink and the component.
#### C. Thermal Interface Material (TIM)
The "C2" suffix indicates that the unit comes pre-applied with **T766**. This is a phase-change material or high-conductivity grease that fills microscopic air gaps between the heat sink surface and the electronic chip to improve heat transfer.
---
### 3. Typical Applications
This specific heat sink is used to cool integrated circuits (ICs) that generate significant heat, such as:
* **FPGA & ASICs:** Used in networking and telecommunications equipment.
* **Processors:** Embedded CPUs or GPUs in industrial computing.
* **Power Modules:** High-efficiency power converters.
---
### 4. Dimensional Drawing Summary
| Feature | Measurement |
| :--- | :--- |
| **Length (A)** | 40.00 mm |
| **Width (B)** | 40.00 mm |
| **Height (C)** | 25.00 mm |
| **Pitch (E)** | 33.00 mm (Distance between pins) |
- ⤷
How does the thermal resistance of this part change under forced air cooling?
- ⤷ What are the PCB hole requirements for the Push-Pin attachment?
- ⤷ Can the T766 thermal interface material be replaced with a custom thermal pad?