ATS-01F-102-C3-R0
AI

The **ATS-01F-102-C3-R0** is a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). It is designed specifically for cooling electronic components such as CPUs, GPUs, FPGAs, or power modules that generate significant heat during operation.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | ATS-01F-102-C3-R0 |
| **Material** | Aluminum (Al) |
| **Attachment Method** | Push-Pin (Plastic) |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | 5.30°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 25.00mm |
| **Finish** | Blue Anodized |
| **TIM (Interface Material)** | T412 (Pre-applied) |
---
### 2. Key Components & Design Features
#### A. The Heat Sink Body
* **Material:** It is made from high-grade aluminum. Aluminum is chosen for its excellent thermal conductivity-to-weight ratio.
* **Geometry:** The "Straight Fin" design allows for low pressure drop, making it ideal for systems with standard airflow (fans).
* **Finish:** The blue anodized coating is not just for aesthetics; it provides corrosion resistance and increases surface emissivity, slightly improving radiative cooling.
#### B. Attachment Mechanism (Push-Pins)
* The **"R0"** in the part number indicates the specific mounting hardware.
* It uses a **Push-pin and Spring** assembly. This ensures consistent "mating pressure" between the heat sink and the electronic chip, which is critical for maximizing heat transfer.
#### C. Thermal Interface Material (TIM)
* This model comes with **T412** pre-applied to the base.
* The TIM fills microscopic air gaps between the chip surface and the heat sink base, significantly reducing thermal resistance at the contact point.
---
### 3. Application Use Cases
The ATS-01F-102-C3-R0 is typically found in:
1. **Telecommunications:** Cooling high-speed switching silicon.
2. **Embedded Systems:** For industrial PCs where space is limited but heat density is high.
3. **Power Electronics:** Dissipating heat from MOSFETs or IGBT arrays.
---
- ⤷
How do I calculate the required airflow (LFM) for this heat sink?
- ⤷ What is the difference between T412 and other thermal interface materials?
- ⤷ Are there copper versions of this heat sink for higher thermal conductivity?