ATS-01F-126-C2-R0
AI

The part number **ATS-01F-126-C2-R0** refers to a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "blue ICE" series, specifically designed for cooling electronic components like CPUs, GPUs, or high-power semiconductors.
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-01F-126-C2-R0 |
| **Material** | Aluminum (Anodized Blue) |
| **Thermal Resistance** | 5.47°C/W @ 100 LFM (Linear Feet per Minute) |
| **Attachment Method** | Push-Pin (Plastic) |
| **Dimensions (L x W x H)** | 54mm x 54mm x 15mm |
| **Fin Style** | Straight Fin |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Physical Design and Components
* **Heat Sink Body:** Constructed from high-grade aluminum. The 15mm height makes it a "low profile" solution, ideal for compact server racks or thin electronic enclosures.
* **Fin Geometry:** It utilizes a **straight-fin** design. This is optimized for unidirectional airflow (forced convection), typically provided by a nearby system fan.
* **Attachment (Push-Pins):** This model uses a tool-less attachment system. The plastic push-pins are designed to snap into pre-drilled holes on a PCB (Printed Circuit Board), ensuring a consistent pressure against the component.
* **Integrated Spring:** Each push-pin usually includes a brass or steel spring to provide the necessary downward force (clamping pressure) to maximize thermal transfer.
---
### 3. Thermal Performance Analysis
The efficiency of this heat sink depends heavily on the airflow (LFM) within the system.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **100 LFM** | 5.47 |
| **200 LFM** | 3.23 |
| **300 LFM** | 2.50 |
| **400 LFM** | 2.09 |
---
### 4. Key Features for Engineers
1. **Blue Anodized Finish:** Not just for aesthetics; the anodization protects the aluminum from corrosion and slightly increases emissivity for better heat radiation.
2. **Pre-applied TIM:** It comes with **T766 thermal interface material** already applied to the base. This ensures there are no air gaps between the chip and the heat sink, reducing "Contact Resistance."
3. **Lightweight:** Being aluminum, it places minimal mechanical stress on the PCB compared to copper alternatives.
- ⤷
What are the PCB hole size requirements for this specific push-pin model?
- ⤷ How does the T766 thermal interface material compare to standard thermal paste?
- ⤷ Is there a copper version of this heat sink for higher power density applications?