ATS-01F-13-C1-R0
AI

The **ATS-01F-13-C1-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed for efficient thermal management of electronic components like CPUs, GPUs, and power transistors.
### 1. Technical Specifications
The following table outlines the physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 50.00mm x 50.00mm x 15.00mm |
| **Thermal Resistance** | 13.68°C/W @ (0.5 m/s) |
| **Attachment Method** | Push Pin (Plastic) |
| **Spring Type** | Brass |
| **Interface Material** | T766 (Pre-applied Thermal Grease) |
---
### 2. Electronic/Mechanical Components
The part is an assembly of several specialized sub-components designed for electronic stability:
#### A. The Heat Sink Body
* **Design:** It features a "Fine Pitch" straight fin pattern. This increases the surface area for heat dissipation, making it ideal for forced air cooling (fans).
* **Material:** 6063 Aluminum is used for its high thermal conductivity and lightweight properties.
#### B. The Mounting Hardware (Push Pins & Springs)
* **Push Pins:** These are used to secure the heat sink to the PCB through pre-drilled holes. This ensures consistent pressure across the component surface.
* **Compression Springs:** These provide the necessary downward force (load) to maintain a tight seal between the heat sink and the electronic chip, preventing gaps that cause overheating.
#### C. Thermal Interface Material (TIM)
* The **T766** material is pre-applied to the base. In electronics, this fills microscopic air gaps between the chip die and the heat sink base, significantly reducing thermal resistance.
---
### 3. Application Use Cases
The ATS-01F-13-C1-R0 is typically used in the following electronic environments:
1. **Telecommunications:** Cooling high-speed processors in routers and switches.
2. **Embedded Systems:** Industrial PCs where space is limited but heat generation is high.
3. **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
- ⤷
What are the PCB hole size requirements for the push pins used in this heat sink?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ Can the T766 thermal interface material be replaced with a third-party thermal paste?