ATS-01F-134-C3-R0
AI

The **ATS-01F-134-C3-R0** is a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, specifically designed for cooling high-power electronic components like CPUs, GPUs, and ASICs.
---
### 1. Technical Specifications
The following table highlights the core physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 30.00mm x 30.00mm |
| **Height** | 25.00mm |
| **Thermal Resistance** | 4.50°C/W @ 200 LFM |
| **Attachment Method** | pushPIN™ (Brass/Plastic pins) |
| **Interface Material** | T412 (Thermal Tape) |
| **Airflow Direction** | Vertical/Sideways (Optimized for fluted flow) |
---
### 2. Key Design Components
#### A. The maxiFLOW™ Geometry
The "F" in the part number indicates the maxiFLOW™ design. Unlike standard straight-fin heat sinks, this design features a **tapered fin structure**.
- **Benefit:** It increases the surface area for heat dissipation while minimizing pressure drop across the device.
- **Application:** Ideal for dense PCB layouts where airflow may be restricted.
#### B. pushPIN™ Attachment
The unit utilizes a specialized mechanical attachment system:
- **Spring-Loaded Pins:** Provides consistent pressure on the electronic component (die), ensuring optimal thermal contact.
- **Durability:** More secure than standard adhesive tapes, making it suitable for high-vibration environments.
#### C. T412 Thermal Interface Material (TIM)
The "C3" suffix denotes the specific thermal pad or tape pre-applied to the base.
- **T412:** This is a high-performance thermal tape that facilitates heat transfer from the chip to the aluminum fins without the mess of thermal grease.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Advanced Thermal Solutions (Manufacturer) |
| **01F** | Product Series (maxiFLOW™) |
| **134** | Specific dimension/form factor code |
| **C3** | Thermal Interface Material (T412 Tape) |
| **R0** | RoHS Compliant / Revision code |
---
### 4. Ideal Use Cases
* **Networking Hardware:** Switches and routers where airflow is managed via internal fans.
* **Embedded Systems:** Industrial PCs requiring rugged mechanical mounting.
* **Power Supplies:** Cooling voltage regulators or power MOSFETs.
- ⤷
What are the alternatives to pushPIN mounting for this heat sink?
- ⤷ How does the thermal resistance change at higher LFM (Linear Feet per Minute)?
- ⤷ Can the T412 thermal tape be replaced with high-performance thermal paste?