ATS-01F-138-C3-R0
AI

The **ATS-01F-138-C3-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed to provide efficient cooling for electronic components like CPUs, GPUs, and other high-heat surface-mount devices.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Plastic/Brass) |
| **Dimensions (L x W x H)** | 25.0mm x 25.0mm x 15.0mm |
| **Thermal Resistance** | ~12.23° C/W @ 100 LFM (Airflow) |
| **Thermal Interface Material** | T412 (Pre-applied) |
---
### 2. Key Components & Design Features
#### A. Heat Sink Geometry
* **Fin Style:** Straight-fin design. This is optimized for unidirectional airflow (forced convection), typically provided by a system fan.
* **Form Factor:** A compact $25 \times 25$ mm footprint makes it ideal for small PCB areas where space is at a premium.
#### B. Attachment Mechanism (Push Pin)
The "01F" in the part number indicates a specific push-pin and spring assembly:
* **Components:** Plastic or brass pins combined with compression springs.
* **Benefit:** Provides consistent pressure on the component, improving thermal contact while allowing for easy installation and removal without messy adhesives.
#### C. Thermal Interface Material (TIM)
The unit comes with **T412** pre-applied to the base.
* **Function:** It fills microscopic air gaps between the heat sink and the chip to maximize heat transfer.
* **Efficiency:** T412 is a high-performance material that balances thermal conductivity with electrical insulation.
---
### 3. Thermal Performance Analysis
The efficiency of the ATS-01F-138-C3-R0 is highly dependent on airflow (LFM - Linear Feet per Minute).
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Natural-ish) | 12.23 |
| 300 (Moderate Fan) | 6.80 |
| 500 (High Flow) | 5.20 |
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying variations:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **01F:** Specific push-pin and spring configuration.
* **138:** Unique geometry/fin height identifier.
* **C3:** Material/Finish code (Blue Anodized).
* **R0:** Revision or RoHS compliance status.
- ⤷
What are the PCB hole requirements for the push-pin mounting system?
- ⤷ How does the T412 thermal interface material compare to standard thermal paste?
- ⤷ Is this heat sink suitable for natural convection environments without a fan?