ATS-01F-160-C2-R0
AI

The **ATS-01F-160-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the blueICE™ series and is specifically designed for cooling electronic components like CPUs, GPUs, and power modules.
---
### 1. Technical Specifications
The following table summarizes the primary electronic and mechanical properties:
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | ATS-01F-160-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 45mm x 45mm x 15mm |
| **Thermal Resistance** | 6.67°C/W (at 200 LFM) |
| **Attachment Method** | Push-Pin (Plastic) |
| **Attachment Style** | 4-Corner / Cross-cut |
| **Thermal Interface Material (TIM)** | T766 (High Performance) |
---
### 2. Key Electronic Features
#### A. Heat Dissipation Efficiency
The device is designed for **forced air convection**. Its thermal resistance varies significantly depending on the airflow (measured in Linear Feet per Minute - LFM):
* **Unducted Airflow:** Efficiently draws heat away from the semiconductor die.
* **Fin Design:** Features a "Cross-Cut" pattern which allows for multi-directional airflow, making it versatile for complex PCB layouts where air might not flow in a single straight line.
#### B. Thermal Interface Material (TIM)
This part comes pre-applied with **T766**. In electronics, the TIM is crucial because it fills the microscopic air gaps between the component (e.g., a processor) and the heat sink base, ensuring maximum thermal conductivity.
#### C. Attachment Mechanism (Push-Pin)
Unlike adhesive-based heat sinks, the "C2" designation indicates a **Plastic Push-Pin** with a brass insert or compression spring.
* **Reliability:** Provides consistent pressure on the electronic component to ensure optimal thermal contact.
* **Safety:** Prevents the heat sink from shifting during vibration or shipping, which is critical for industrial electronics.
---
### 3. Common Applications
* **Integrated Circuits (ICs):** BGA (Ball Grid Array) packages.
* **Telecommunications:** High-speed routers and switches.
* **Power Supplies:** Cooling MOSFETs or voltage regulators.
* **Embedded Systems:** Industrial PCs and automation controllers.
---
- ⤷
What is the difference between T766 and other thermal interface materials?
- ⤷ How do I calculate the required LFM for my specific electronic component?
- ⤷ Are there metal push-pin versions of this heat sink for higher durability?