ATS-01F-175-C3-R0
AI

The **ATS-01F-175-C3-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **pushPIN™** series, designed to provide efficient cooling for electronic components like CPUs, GPUs, and power transistors.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance (Unducted)** | 13.65 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 3.07 °C/W @ 100 LFM |
| **Dimensions (L x W x H)** | 35mm x 35mm x 10mm |
| **Pitch (Hole spacing)** | 40mm |
---
### 2. Key Electronic Components & Design
The "Electronic" value of this part lies in its thermal management capabilities. Efficient heat dissipation is critical for maintaining the longevity and performance of semiconductor devices.
#### A. Fin Design (XC Cut)
The heat sink features a **cross-cut (XC)** fin pattern. This design allows for:
* **Multi-directional airflow:** It can receive air from various angles, making it versatile for crowded PCB layouts.
* **Increased Surface Area:** Maximizes the area available for heat transfer to the ambient air.
#### B. The pushPIN™ Attachment System
Instead of using messy adhesives or simple clips, this part uses a precision spring-loaded mechanism:
* **Compression Springs:** Provides consistent pressure to ensure optimal contact between the heat sink and the component.
* **Plastic/Brass Push Pins:** Designed to lock into pre-drilled holes in the PCB for a secure, vibration-resistant fit.
#### C. Thermal Interface Material (TIM)
The "R0" suffix usually indicates that the heat sink comes with **no thermal interface material pre-applied**, or a specific standard pad. Users typically apply a high-quality thermal paste or pad (like T766) to bridge the microscopic air gaps between the heat sink base and the electronic chip.
---
### 3. Applications
This specific model is commonly used in the following electronic sectors:
* **Telecommunications:** Cooling of high-speed network switches.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Supplies:** Cooling voltage regulators and MOSFETs.
- ⤷
How does the 'XC' fin design compare to straight fin designs for thermal efficiency?
- ⤷ What is the specific PCB hole size required for the pushPIN attachment?
- ⤷ Are there alternative finish options for this heat sink model?