ATS-01F-176-C3-R0
AI

The **ATS-01F-176-C3-R0** is a high-performance electronic component specifically categorized as a **Heat Sink**. It is manufactured by *Advanced Thermal Solutions Inc.* and is part of the **pushPIN™** series, designed to dissipate heat from surface-mount components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Characteristic | Specification |
| :--- | :--- |
| **Component Type** | Heat Sink (Passive Cooling) |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Dimensions (L x W)** | 45.00mm x 45.00mm |
| **Height** | 10.00mm |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | 4.40°C/W (at 100 LFM) |
| **Thermal Interface Material (TIM)** | T412 (Pre-applied) |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by Advanced Thermal Solutions:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **01**: Series identifier.
* **F**: Fin pitch or attachment type.
* **176**: Specific model/size profile.
* **C3**: Material/Finish code (Blue Anodized).
* **R0**: Revision or packaging code.
---
### 3. Key Electronic Functions
While this is a mechanical part, it plays a critical role in the reliability of electronic circuits:
* **Heat Dissipation:** It increases the surface area of a heat-generating semiconductor, allowing air to carry away thermal energy more efficiently.
* **Thermal Protection:** By maintaining the junction temperature ($T_j$) of a chip below its maximum rating, it prevents thermal throttling and permanent hardware failure.
* **Mechanical Stability:** The **pushPIN™** system uses a flexible, spring-loaded mechanism that ensures constant pressure between the heat sink and the chip, optimizing thermal transfer without damaging the PCB.
---
### 4. Application Example
This part is commonly used in:
* **Embedded Systems:** Industrial PCs where vertical space is limited (10mm height).
* **Telecommunications:** Cooling of networking switches or routers.
* **Power Supplies:** Dissipating heat from high-power MOSFETs or voltage regulators.
- ⤷
How does the T412 thermal interface material compare to standard thermal paste?
- ⤷ What are the advantages of pushPIN™ mounting over adhesive backing?
- ⤷ How do I calculate if 4.40°C/W is sufficient for my specific processor?