ATS-01F-180-C2-R0
AI

The **ATS-01F-180-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed to provide efficient cooling for electronic components like processors, GPUs, and power modules.
### 1. Technical Specifications
The following table highlights the primary physical and thermal characteristics of this component:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Part Number** | ATS-01F-180-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Mounting Type** | Push-Pin (Plastic) |
| **Dimensions (L x W)** | 30.00mm x 30.00mm |
| **Height (Off Base)** | 35.00mm |
| **Thermal Resistance** | 3.32°C/W @ 200 LFM |
| **Fin Style** | Straight Fin |
---
### 2. Key Design Features
* **Material (Aluminum):** Provides a balance between lightweight design and high thermal conductivity. The **Blue Anodized** finish increases emissivity and protects the surface from corrosion.
* **Push-Pin Attachment:** This model uses a plastic push-pin mechanism with a built-in spring. This ensures a consistent downward pressure (clamping force) on the electronic component, which optimizes the interface with thermal grease or pads.
* **Straight Fin Geometry:** Designed for "forced air" environments (airflow from a fan). The straight fins allow air to pass through with minimal pressure drop, effectively carrying heat away from the base.
---
### 3. Thermal Performance Profile
Thermal resistance indicates how effectively the heat sink transfers heat to the ambient air. Lower values are better.
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 LFM (0.5 m/s) | 4.82 |
| 200 LFM (1.0 m/s) | 3.32 |
| 300 LFM (1.5 m/s) | 2.73 |
| 400 LFM (2.0 m/s) | 2.38 |
---
### 4. Integration Requirements
To use this part in a PCB design, the following considerations are necessary:
1. **Hole Pattern:** The PCB must have pre-drilled holes matching the push-pin spacing (typically measured diagonally or center-to-center).
2. **Thermal Interface Material (TIM):** This part usually comes with **T766** pre-applied or requires an external thermal paste to fill microscopic air gaps between the component and the heat sink.
3. **Clearance:** Ensure the 35mm height does not interfere with the enclosure or adjacent tall components (like capacitors).
- ⤷What is the recommended hole diameter for the push-pin mounting?
- ⤷ How does blue anodization compare to black anodization in thermal performance?
- ⤷ Can this heat sink be used in natural convection environments?