ATS-01F-33-C3-R0
AI

The **ATS-01F-33-C3-R0** is a high-performance heat sink manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. This specific component is part of the **push-pin** heat sink series designed for thermal management in electronic devices.
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) / Spring |
| **Dimensions** | 35mm x 35mm x 20mm |
| **Fin Type** | Straight Fin |
| **Thermal Resistance** | 17.50 °C/W (at 100 LFM) |
| **Base Shape** | Square |
---
### 2. Breakdown of the Component Parts
The ATS-01F-33-C3-R0 is not just a block of metal; it is a mechanical assembly consisting of three primary electronic cooling sub-components:
#### A. The Heat Sink Body
* **Material:** Made from **Aluminum 6063**, which provides an excellent balance between thermal conductivity and mechanical strength.
* **Blue Anodized Coating:** This is not just for aesthetics; the anodized layer increases surface emissivity, slightly improving radiation cooling and protecting the aluminum from corrosion.
* **Straight Fin Geometry:** This design is optimized for **forced air convection** (where fans are used). The fins provide a large surface area to transfer heat from the semiconductor to the surrounding air.
#### B. The Push-Pin Mechanism
* **Hardware:** It uses **brass push-pins**. Unlike plastic pins, brass offers higher durability and reliability in high-temperature environments.
* **Springs:** Each pin is paired with a **stainless steel spring**. This ensures a constant, uniform "downward force" (pressure) on the electronic chip, which is critical for maximizing thermal contact.
#### C. Thermal Interface Material (TIM)
* The "-R0" suffix typically denotes that the product comes with a **pre-applied Thermal Interface Material** (usually a high-performance phase-change material or thermal pad). This fills microscopic air gaps between the heat sink base and the CPU/GPU/FPGA, significantly reducing thermal resistance.
---
### 3. Usage and Application
This part is commonly found in the following electronic sectors:
1. **Telecommunications:** Cooling of high-speed network switches.
2. **Embedded Systems:** Protecting FPGAs and ARM-based processors from overheating.
3. **Power Electronics:** Dissipating heat from high-wattage MOSFETs or voltage regulators.
- ⤷
What are the advantages of push-pin mounting over adhesive tape?
- ⤷ How does air velocity (LFM) affect the thermal resistance of this heat sink?
- ⤷ Can this heat sink be used for passive cooling without a fan?