ATS-01F-35-C1-R0
AI

The **ATS-01F-35-C1-R0** is a specific part number for a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). While it does not contain electronic circuitry (like chips or resistors), it is a critical mechanical component used to manage the thermal profile of electronic semiconductors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Heat Sink Type** | Top Mount / Fine Pitch |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Brass) |
| **Thermal Resistance** | 22.46°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W)** | 35.00mm x 35.00mm |
| **Height (Fin Height)** | 10.00mm |
---
### 2. Component Design & Features
This heat sink is designed for high-density electronic packaging where space is limited but cooling demands are high.
* **Fin Profile (Straight Fin):** The "Fine Pitch" design provides a high surface area to volume ratio, making it efficient for forced-air cooling systems (fans).
* **Push-Pin Attachment:** This model uses a brass push-pin mechanism with a specific spring (model-dependent) to ensure consistent pressure between the heat sink and the electronic component (CPU, GPU, or FPGA).
* **Thermal Interface Material (TIM):** It typically comes with a pre-applied thermal interface (like ATS-54) to improve heat transfer from the chip to the aluminum fins.
---
### 3. Electronic Application
This part is used to protect sensitive electronic components from **Thermal Throttling** or **Catastrophic Failure**. Common applications include:
1. **Telecommunications:** Cooling line cards and routers.
2. **Embedded Computing:** Protecting ARM or x86 processors in industrial PCs.
3. **Power Electronics:** Managing heat for MOSFETs or IGPT modules in compact enclosures.
---
### 4. Thermal Performance Data
Performance varies based on the Air Velocity (Measured in Linear Feet per Minute - LFM):
| Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 22.46 |
| 300 (1.5 m/s) | 10.31 |
| 500 (2.5 m/s) | 7.06 |
| 700 (3.5 m/s) | 5.67 |
- ⤷
What is the difference between ducted and unducted thermal resistance for this part?
- ⤷ What hole size is required on the PCB for the push-pin attachment?
- ⤷ Can this heat sink be customized with a different Thermal Interface Material (TIM)?